Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO374TAG-R

  • AI
    The **MHO374TAG-R** is a specific electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering, energy storage, and noise suppression. --- ### 1. Key Technical Specifications While exact parameters can vary slightly by manufacturer (often associated with brands like **Mag.Layers**), the typical characteristics for this series are: | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor / Molded Power Choke | | **Inductance Range** | Typically measured in microhenries (µH) | | **Construction** | Metal Alloy / Shielded | | **Mounting Type** | Surface Mount (SMT) | | **Operating Temp** | -40°C to +125°C (General Industrial Grade) | | **RoHS Status** | Compliant (indicated by -R suffix) | ### 2. Physical & Material Composition The "MHO" designation usually refers to a **Molded High Current** inductor. * **Core Material:** Uses a metallic powder core (iron powder or alloy) which allows for higher saturation currents compared to traditional ferrite cores. * **Shielding:** The molded construction provides inherent magnetic shielding, reducing Electromagnetic Interference (EMI) with neighboring components. * **Terminals:** Lead-free plating for high-quality solder joints. ### 3. Applications These parts are commonly found in high-efficiency power supplies where space is limited and heat dissipation is critical: * **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation. * **Consumer Electronics:** Laptops, tablets, and smartphones. * **Graphics Cards (GPUs):** High-current power phases for processors. * **Automotive/Industrial:** Distributed power systems and sensors. ### 4. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **MHO** | Series Code (Metal High Output/Molded) | | **374** | Size Code (Refers to physical dimensions, e.g., 3.7mm x 4.0mm) | | **TAG** | Material/Process Variation | | **-R** | RoHS Compliant / Lead-Free | --- ### 5. Selection Considerations When replacing or designing with this part, keep the following electrical parameters in mind: 1. **DCR (DC Resistance):** Lower DCR results in less power loss as heat. 2. **Isat (Saturation Current):** The current level where inductance drops by a specific percentage (usually 20-30%). 3. **Irms (RMS Current):** The continuous current that causes a specific temperature rise (usually 40°C).
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions for the 374 size code?
    • ⤷ How does a molded metal alloy inductor differ from a ferrite core inductor?
    • ⤷ What is the typical saturation current for this specific part?