Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHO374TCD-R

  • AI
    The **MHO374TCD-R** is a specific surface-mount electronic component, typically categorized as a **Temperature Compensated Crystal Oscillator (TCXO)** or a specialized quartz-based timing component. These are widely used in telecommunications and radio frequency applications where frequency stability is critical. --- ### 1. Technical Specifications Overview The part number follows a specific nomenclature used by manufacturers (often MtronPTI). Below is a breakdown of its likely technical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | TCXO | Temperature Compensated Crystal Oscillator | | **Package Type** | SMD / SMT | Surface Mount Device (Ceramic LCC) | | **Output Type** | CMOS / HCMOS | Standard logic level output | | **Input Voltage** | 3.3V (Typical) | Common supply voltage for "37" series parts | | **Stability** | ±1.0 ppm to ±2.5 ppm | High precision over temperature variations | | **RoHS Status** | Compliant (-R) | Lead-free and environmentally safe | --- ### 2. Key Internal Electronic Parts The MHO374TCD-R is not a single crystal, but an integrated module containing several sub-components: 1. **Quartz Crystal Resonator:** The heart of the device, providing the fundamental mechanical vibration. 2. **Compensation Network:** A specialized circuit (often including thermistors or an ASIC) that adjusts the frequency based on ambient temperature to prevent "drift." 3. **Varactor Diode:** Used within the compensation circuit to pull the crystal frequency slightly to stay on target. 4. **Buffer/Driver IC:** An integrated circuit that ensures the output signal is clean and capable of driving the next stage of the PCB. --- ### 3. Pin Configuration (Typical 4-Pad Layout) Standard SMD TCXOs like this generally utilize a 4-pin or 6-pin configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC / Vcont | No Connection or Voltage Control (for fine-tuning) | | **2** | GND | Circuit Ground | | **3** | Output | The frequency signal (Square wave) | | **4** | Vdd | DC Power Supply Input | --- ### 4. Common Applications Due to its high stability (indicated by the "TC" in the part number), it is found in: * **GPS Receivers:** Where timing precision determines location accuracy. * **Wireless Transceivers:** To ensure the radio stays on the correct channel. * **Networking Gear:** Routers and switches requiring stable clocking for data synchronization. --- ### 5. Part Number Decoding (Typical) * **MHO:** Series identifier (usually 3.3V HCMOS). * **3:** Package size code (often 5x7mm or 3.2x5mm). * **74:** Frequency stability/Temperature range code. * **TCD:** Specific temperature range and duty cycle parameters. * **-R:** RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the specific operating frequency of the MHO374TCD-R?
    • ⤷ How does a TCXO differ from a standard XO (Crystal Oscillator)?
    • ⤷ What are the soldering profile requirements for this SMD component?