Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHR16TCJ-R

  • AI
    The **MHR16TCJ-R** is a high-performance, shielded **M12 Circular Connector** commonly used in industrial automation, robotics, and sensor networking. It is designed to ensure reliable signal transmission in harsh environments where electromagnetic interference (EMI) is a concern. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Gender** | Female (Socket) | | **Number of Positions** | 16-Pin | | **Coding** | A-Coding (Standard for sensors/DC power) | | **Termination Style** | Solder or Crimp (Depending on specific assembly) | | **Shielding** | Fully Shielded (360° EMI protection) | | **Ingress Protection** | IP67 (Dust tight, waterproof immersion) | | **Contact Plating** | Gold (Au) over Nickel (Ni) | --- ### 2. Physical & Electronic Components The "Electronic Parts" of this connector consist of several critical layers designed for signal integrity: #### A. Contact Pins (The 16-Pin Array) * **Material:** Usually a copper alloy base for high conductivity. * **Plating:** Gold plating is used to prevent oxidation and ensure low contact resistance over thousands of mating cycles. * **Density:** Because it houses 16 pins in a standard M12 frame, the pins are thinner and more delicate than standard 4-pin or 5-pin M12 connectors, requiring precise alignment. #### B. The Shielding Shell (EMI Protection) * The "R" suffix often denotes a ruggedized or specific shielding configuration. * It features a metal housing (zinc die-cast or nickel-plated brass) that connects the cable shield to the device ground, preventing electrical noise from disrupting the 16 signal paths. #### C. Insulation Body * Constructed from high-grade engineering plastics (like PBT or PA66). * Provides high dielectric strength to prevent "arcing" or short-circuiting between the densely packed 16 pins. --- ### 3. Application Areas Due to the high pin count (16), this connector is rarely used for simple power. Instead, it is used for: * **Complex Sensors:** Multi-axis encoders or vision sensors. * **PLC I/O Blocks:** Connecting multiple digital inputs/outputs through a single cable. * **Robotic Arms:** Routing multiple control signals through tight joints. * **Data Acquisition:** High-density signal logging where space is limited. --- ### 4. Wiring Considerations When working with the MHR16TCJ-R, pay close attention to: 1. **Current Rating:** Typically, 16-pin M12 connectors have a lower current rating per pin (usually around **1A to 1.5A**) compared to 4-pin versions (4A). 2. **Voltage Rating:** Usually rated for **30V AC/DC**. 3. **Cable Diameter:** You must use a multi-core shielded cable that matches the outer diameter (OD) of the connector's cable gland to maintain the **IP67** seal.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per pin for the MHR16TCJ-R?
    • ⤷ How does A-coding differ from X-coding in M12 connectors?
    • ⤷ Which wire gauge (AWG) is recommended for 16-pin M12 terminations?