Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHR63FCJ-R

  • AI
    The **MHR63FCJ-R** is a high-performance, rotary-type thermal printhead manufactured by **ROHM Semiconductor**. It is specifically designed for high-speed, high-resolution industrial printing applications, such as barcode printers and label printers. --- ## 1. Technical Specifications The following table highlights the core electronic and physical characteristics of the MHR63FCJ-R: | Parameter | Specification | | :--- | :--- | | **Print Width** | 104 mm (Standard 4-inch) | | **Resolution** | 300 dpi (dots per inch) | | **Total Dots** | 1,248 dots | | **Resistance Value** | ~1100 $\Omega$ (Average) | | **Supply Voltage (VH)** | 24V (Typical) | | **Logic Voltage (VDD)** | 3.3V to 5V | | **Printing Speed** | Up to 150 mm/s to 200 mm/s | | **Head Configuration** | Rotary / Flat-head type | --- ## 2. Key Electronic Components & Features ### A. Heating Element (Resistor Array) The core of the part is a linear array of 1,248 miniature resistors. When electrical current passes through a specific resistor, it generates heat to melt the ink on a ribbon (Thermal Transfer) or darken the coating on heat-sensitive paper (Direct Thermal). ### B. Driver ICs The unit contains integrated CMOS gate drivers. These serve several functions: * **Shift Registers:** To convert serial data from the printer controller into parallel data for the dots. * **Latch Circuits:** To hold the data during the printing cycle while the next line of data is being loaded. * **Power Switching:** Managing the high-current 24V pulses required for thermal activation. ### C. Thermistor An internal NTC (Negative Temperature Coefficient) thermistor is embedded to monitor the printhead temperature. This is a critical safety and quality component used to: 1. Prevent overheating (Thermal Runaway). 2. Adjust pulse width (burn time) based on ambient heat to maintain consistent print density. --- ## 3. Connectivity & Interface The MHR63FCJ-R utilizes a standardized industrial interface to communicate with the main PCB: 1. **Clock (CLK):** Synchronizes the data transfer. 2. **Data In (DI):** Serial input for the image bitstream. 3. **Latch (LAT):** Signals the driver to transfer data from the shift registers to the heating elements. 4. **Strobe (STB):** Controls the "On-Time" or duration of the heating pulse (usually divided into sections to manage power consumption). --- ## 4. Maintenance & Usage Notes * **ESD Sensitivity:** Like most semiconductor components, the driver ICs are sensitive to Electrostatic Discharge. Use grounded straps during installation. * **Voltage Regulation:** Fluctuations in the 24V VH line can lead to inconsistent print darkness or premature element failure. * **Cleaning:** The glaze layer protecting the resistors should be cleaned regularly with Isopropyl Alcohol (IPA) to prevent buildup of carbon and adhesive residue.
    ✨ Follow-up Questions
    • ⤷ What are the common causes of failure for the MHR63FCJ-R printhead?
    • ⤷ How do I calculate the pulse width for this printhead based on the resistance?
    • ⤷ Is the MHR63FCJ-R compatible with direct thermal and thermal transfer printing?