Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MHSC04020-R47M-R8

  • AI
    The **MHSC04020-R47M-R8** is a specific part number for a **High-Current Power Inductor**, typically manufactured by companies like Cyntec or similar specialized electronic component providers. These components are surface-mount devices (SMD) designed for high-density power applications. --- ### 1. Part Number Breakdown While naming conventions vary slightly by manufacturer, here is the standard decoding for this series: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **MHSC** | Series Code | Metal Hybrid/High Current Series | | **04020** | Case Size | ~4.0 x 4.0 x 2.0 mm | | **R47** | Inductance Value | 0.47 µH | | **M** | Tolerance | ±20% | | **R8** | Internal Code | Designates specific material or revision | --- ### 2. Technical Specifications These inductors are characterized by their "molded" construction, which uses metal powder to achieve high saturation currents in a small footprint. * **Inductance:** 0.47 µH. * **Operating Temperature:** Typically -55°C to +125°C. * **DC Resistance (DCR):** Usually very low (typically in the range of 10-20 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (e.g., 30%). For this size, it is likely between **6A to 10A**. * **Heat Rating Current ($I_{rms}$):** The current that causes a specific temperature rise (usually 40°C). --- ### 3. Key Features * **Magnetic Shielding:** The molded metal powder body acts as a natural shield, reducing Electromagnetic Interference (EMI). * **High Saturation:** Unlike ferrite core inductors, metal powder inductors have a "soft" saturation curve, meaning they don't lose inductance abruptly when current spikes. * **Low Buzz Noise:** The solid construction reduces acoustic noise caused by magnetostriction. --- ### 4. Typical Applications This component is commonly found in the power stages of modern portable electronics: 1. **DC-DC Converters:** Used in Buck or Boost converters. 2. **CPUs/GPUs:** Powering processors in tablets or laptops (Voltage Regulator Modules). 3. **Smartphones:** High-efficiency power management units (PMICs). 4. **SSD Drives:** Compact power supplies for flash memory. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for this specific inductor?
    • ⤷ How does a molded metal inductor compare to a traditional ferrite core inductor?
    • ⤷ What are the recommended soldering profiles for the MHSC04020 series?