Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MI-QC6O2-MYY

  • AI
    The part number **MI-QC6O2-MYY** refers to a high-density, modular DC-DC converter module produced by **Vicor Corporation**. This specific part belongs to the **MI-200 / MI-J00 family**, which are military-grade power components designed for rugged environments. --- ### 1. Technical Specifications Breakdown The alphanumeric code provides specific details regarding the input voltage, output voltage, and power rating. | Specification | Details | Value / Description | | :--- | :--- | :--- | | **Input Voltage** | Nominal 270V | Range: 125V to 400V DC | | **Output Voltage** | Nominal 15V | Adjustable via trim | | **Power Output** | 50 Watts | (Standard for the "6" series in MI-J00) | | **Efficiency** | Typical 80-90% | Zero-current switching architecture | | **Package Style** | Junior Module | 2.28" x 2.4" x 0.5" | | **Operating Temp** | Military Grade | -55°C to +85°C | --- ### 2. Key Electronic Features The MI-QC6O2-MYY is built using **Zero-Current Switching (ZCS)** technology, which distinguishes it from traditional Pulse Width Modulation (PWM) converters. * **ZCS/ZVS Architecture:** Minimizes switching losses and reduces Electromagnetic Interference (EMI), allowing for high power density. * **Isolation:** Provides input-to-output isolation (typically up to 3,000Vrms), protecting sensitive downstream electronics from high-voltage surges. * **Logic Functions:** * **Remote Sense:** Compensates for voltage drops across output leads. * **Trim:** Allows the user to manually adjust the 15V output slightly up or down. * **Gate In/Out:** Facilitates synchronization and parallel operation for higher power requirements. --- ### 3. Application Use Cases Because this module is rated for military use (MI-prefix), it is commonly found in: 1. **Avionics:** Powering flight control systems or cockpit displays. 2. **Radar Systems:** High-voltage to low-voltage conversion for signal processing boards. 3. **Ground Vehicles:** Mobile communication systems requiring robust thermal management. 4. **Industrial Heavy Equipment:** Environments where high input transients are expected. --- ### 4. Thermal Management As a power module, it requires a heat sink or baseplate cooling. The **"MYY"** suffix often denotes specific mechanical finish or environmental screening levels (such as H-grade or M-grade), ensuring the unit survives extreme vibration and thermal shock.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the Vicor Junior module series?
    • ⤷ How do I calculate the external resistor value for trimming the output voltage?
    • ⤷ What are the primary differences between the MI-200 and MI-J00 series?