Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MI-RJ23-MY

  • AI
    The **MI-RJ23-MY** is a high-reliability DC-DC converter module manufactured by **Vicor Corporation**. It is part of the MI-200 family, specifically designed for military and aerospace applications where compact size and high efficiency are required. --- ### 1. Key Technical Specifications The part number "MI-RJ23-MY" follows a specific naming convention that defines its electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 28V DC (Nominal) | Range typically 18V to 50V DC | | **Output Voltage** | 15V DC | Regulated output | | **Output Power** | 50 Watts | Maximum power rating | | **Product Grade** | M-Grade | Operating temp: -55°C to +85°C | | **Case Size** | Junior (J) | Half-size module (2.28" x 2.4" x 0.5") | --- ### 2. Core Electronic Components & Architecture The internal circuitry of this module utilizes several advanced power electronic concepts: * **Zero-Current Switching (ZCS):** Unlike traditional PWM converters, this uses ZCS technology. This minimizes switching losses and reduces electromagnetic interference (EMI) by switching the power transistors when the current is at zero. * **High-Frequency Transformer:** Provides galvanic isolation between the input and output, ensuring safety and noise decoupling. * **Power Density:** By operating at high frequencies (MHz range), the module can use smaller magnetic components (inductors/transformers) and capacitors. * **Encapsulation:** The internal parts are fully potted in a thermally conductive epoxy, which protects components from vibration, moisture, and thermal shock. --- ### 3. Pin Configuration & Functionality The module typically features a specific set of pins for integration into a PCB: | Pin Name | Function | | :--- | :--- | | **+In / -In** | DC Input power connections | | **Gate In / Gate Out** | Used for synchronizing multiple modules in parallel | | **+Out / -Out** | DC Output power connections | | **+Sense / -Sense** | Compensates for voltage drops across long traces/wires | | **Trim** | Allows the user to adjust the output voltage slightly (up/down) | --- ### 4. Application Suitability Because of its **M-Grade** rating and compliance with standards like **MIL-STD-810** (Environmental) and **MIL-STD-461** (EMI/EMC), it is commonly found in: * Airborne radar systems. * Ground vehicle communication suites. * Shipboard electronics. * Portable military testing equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ZCS and traditional PWM switching in DC-DC converters?
    • ⤷ How do you calculate the resistor value for the Trim pin to adjust output voltage?
    • ⤷ What are the specific thermal management requirements for the MI-RJ23-MY?