Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MI-RJ62-MA

  • AI
    The **MI-RJ62-MA** is a high-reliability, military-grade isolated DC-DC converter module from the **MI-200 series**, manufactured by **Vicor Corporation**. These modules are designed for extreme environments, prioritizing power density and noise suppression. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 270 VDC (Nominal) | Range typically 200V to 400V DC | | **Output Voltage** | 15 VDC | Regulated DC output | | **Output Power** | 100 Watts | Maximum continuous power rating | | **Product Grade** | Military (M-Grade) | Operating temp: -55°C to +85°C | | **Efficiency** | 80% to 90% | Varies based on load and conditions | | **Isolation** | 3,000V rms | High-level input-to-output isolation | --- ### 2. Core Electronic Components & Technology Internally, the MI-RJ62-MA utilizes several advanced electronic architectures: * **Zero-Current Switching (ZCS):** Unlike traditional PWM (Pulse Width Modulation) converters, this uses ZCS technology. This minimizes switching losses and reduces Electromagnetic Interference (EMI) by ensuring transistors switch when current is at zero. * **Power Density:** The module utilizes high-frequency power conversion, allowing for a very small physical footprint (MegaMod/Half-brick style) relative to its 100W output. * **Thermal Management:** The electronics are encapsulated in a thermally conductive epoxy, with an aluminum baseplate designed to be mounted to a heatsink or cold plate. * **Control Circuitry:** Includes internal protection circuits for: * **Overvoltage Protection (OVP):** Shuts down if output exceeds safe limits. * **Short Circuit Protection:** Current limiting to prevent component failure. * **Thermal Shutdown:** Protects the internal MOSFETs if the baseplate temperature exceeds $85^{\circ}C$ - $100^{\circ}C$. --- ### 3. Pin Configuration and Functions The module typically features a standard pinout for integration onto a PCB or via chassis wiring: | Pin Type | Function | Purpose | | :--- | :--- | :--- | | **+In / -In** | DC Input | Connection to the 270V source. | | **Gate In / Out** | Synchronization | Used for daisy-chaining multiple modules in parallel. | | **+Out / -Out** | DC Output | The 15V regulated supply to the load. | | **Trim** | Voltage Adjustment | Allows the user to adjust the output voltage +/- 10% via a resistor. | | **Sense (+/-)** | Remote Sensing | Compensates for voltage drops across long output wires. | --- ### 4. Typical Applications Due to its "M-Grade" (Military) rating, the MI-RJ62-MA is used in: * **Aerospace Systems:** Satellite and aircraft 270V bus systems. * **Defense Electronics:** Radar, communication gear, and mobile tactical units. * **Rugged Industrial:** Applications where extreme cold or vibration would kill commercial-grade converters.
    ✨ Follow-up Questions
    • ⤷What is the difference between M-grade and I-grade in Vicor modules?
    • ⤷ How do I calculate the external resistor value for the Trim pin?
    • ⤷ What are the recommended EMI filters for the MI-200 series?