Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MI-RJ6M-MY

  • AI
    The **MI-RJ6M-MY** is a high-reliability, military-grade DC-DC converter module manufactured by **Vicor Corporation**. It is part of the **MI-200 series**, designed specifically for ruggedized applications such as aerospace, defense, and industrial power systems. Below is a detailed breakdown of its electronic specifications and features. --- ## 1. Core Specifications The alphanumeric code "MI-RJ6M-MY" indicates specific electrical parameters based on Vicor’s naming convention: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 270V DC (Nominal) | Range typically spans 200V to 400V DC. | | **Output Voltage** | 10V DC | Regulated DC output. | | **Output Power** | 50W | Maximum power rating for this specific model. | | **Product Grade** | M-Grade | Operating Temp: -55°C to +85°C. | | **Package Size** | Junior | Smaller footprint (2.28" x 2.4" x 0.5"). | --- ## 2. Key Electronic Components & Features ### A. Zero-Current Switching (ZCS) Technology Unlike traditional PWM (Pulse Width Modulation) converters that switch at high currents, the MI-RJ6M-MY utilizes Vicor's proprietary **ZCS topology**. This minimizes switching losses and reduces Electromagnetic Interference (EMI), allowing for higher efficiency in a compact frame. ### B. Protection Circuitry The module includes integrated safety features to protect the load and the power source: * **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds safe limits. * **Short Circuit Protection:** Continuous current limiting. * **Thermal Shutdown:** Protects the internal MOSFETs and transformers from overheating. ### C. Control & Monitoring Pins The module features several interface pins for system integration: * **Gate In / Gate Out:** Used for synchronizing multiple modules or enabling the device. * **Trim Pin:** Allows the user to adjust the output voltage slightly above or below the nominal 10V. * **Sense Pins (+S / -S):** Compensates for voltage drops across the output leads to ensure precise regulation at the load. --- ## 3. Physical & Environmental Attributes ### Dimensions As a **Junior-sized** module, it is designed for high power density. * **Length:** 2.28 in (57.9 mm) * **Width:** 2.4 in (61.0 mm) * **Height:** 0.5 in (12.7 mm) ### Reliability Standards * **MIL-STD-810:** For shock and vibration resistance. * **MIL-STD-461:** When used with appropriate filters for EMI/RFI. * **Fully Encapsulated:** The electronics are potted to protect against moisture and harsh environments. --- ## 4. Typical Application Circuit In a real-world electronic design, the MI-RJ6M-MY is usually surrounded by: 1. **Input Filter:** To dampen ripple from the 270V DC bus. 2. **Output Capacitors:** To provide transient response support. 3. **Heatsink:** Essential for maintaining the "M-Grade" temperature range under full load.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the MI-RJ6M-MY Junior module?
    • ⤷ How does the 'Trim' pin calculate the resistor value for adjusting output voltage?
    • ⤷ What are the recommended EMI filters to use with this 270V input module?