MI-RJ71-MA
AI

## Overview of MI-RJ71-MA
The **MI-RJ71-MA** is a high-performance, military-grade DC-DC converter module manufactured by **Vicor Corporation**. It belongs to the **MI-200 family**, specifically designed to meet the rigorous demands of aerospace and defense applications.
---
### 1. Key Technical Specifications
The electronic characteristics of the MI-RJ71-MA are defined by its high power density and wide input range.
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 28V DC (Nominal) / 18V - 50V Range |
| **Output Voltage** | 12V DC |
| **Output Power** | 100 Watts |
| **Product Grade** | Military (M-Grade) |
| **Operating Temperature** | -55°C to +85°C |
| **Efficiency** | Typically 80% - 90% |
---
### 2. Core Electronic Components & Features
The module utilizes several advanced electronic architectures to ensure reliability:
* **Zero-Current Switching (ZCS):** Unlike traditional high-frequency converters that suffer from switching losses, this module uses a resonant topology. This reduces electromagnetic interference (EMI) and increases efficiency.
* **Encapsulated Packaging:** The internal circuitry is fully potted in a rugged, thermally conductive epoxy. This protects electronic parts from shock, vibration, and humidity.
* **Input Filtering:** Includes internal suppression for transients, making it compatible with MIL-STD-704 and MIL-STD-1275 power requirements.
* **Control Interface:**
* **Gate In / Gate Out:** Pins used for synchronization and paralleling multiple modules for higher power.
* **Sense Pins:** Compensates for voltage drops across the output leads to ensure precise 12V delivery at the load.
* **Trim Pin:** Allows the user to adjust the output voltage slightly above or below the nominal 12V.
---
### 3. Protection Circuitry
The internal electronics include several safety mechanisms:
1. **Overvoltage Protection (OVP):** Shuts down the module if the output voltage exceeds a safe threshold.
2. **Current Limiting:** Protects the module from short circuits or excessive load demands.
3. **Thermal Shutdown:** Monitors the baseplate temperature and disables switching if it exceeds 100°C.
---
### 4. Application Context
Due to its **M-Grade** rating, this specific part is typically found in:
* Airborne electronic systems.
* Ground vehicle communication arrays.
* Naval radar and navigation equipment.
* Extreme environment industrial sensors.
- ⤷
What are the specific mounting requirements for the MI-RJ71-MA baseplate?
- ⤷ How does the Trim pin calculate the resistance needed for a 5% voltage increase?
- ⤷ Is there a direct commercial-grade equivalent for this military module?