Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MI-RJ74-MA

  • AI
    The **MI-RJ74-MA** is a high-reliability, military-grade DC-DC converter module manufactured by **Vicor Corporation**. It is part of the MI-200 series, designed specifically to meet the rigorous demands of aerospace, defense, and industrial applications. --- ## 1. Core Specifications The part number follows a specific nomenclature that defines its input, output, and power capabilities. | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 270 VDC | Nominal (Range: 200V to 400V) | | **Output Voltage** | 48 VDC | Regulated output | | **Output Power** | 100 Watts | Maximum continuous power | | **Efficiency** | 80% - 90% | Typical for this series | | **Isolation** | 3,000V | Input to Output | | **Package Style** | Full-Brick | Standard Vicor "MI" chassis mount | --- ## 2. Key Internal Electronic Features The MI-RJ74-MA utilizes several advanced power electronic concepts to ensure stability and efficiency: ### A. Zero-Current Switching (ZCS) Unlike traditional PWM converters that switch power "hard" (leading to high EMI and heat), this module uses **ZCS topology**. This allows the internal MOSFETs to switch only when the current is at zero, significantly reducing switching losses and electrical noise. ### B. Input/Output Filtering * **Input Stage:** Contains transient suppression to handle spikes common in 270V DC bus systems (often found in aircraft). * **Output Stage:** Low-noise filtering to ensure the 48V output remains stable even under high-load variations. ### C. Environmental Protection The internal components are **fully encapsulated** (potted) in a high-thermal-conductivity epoxy. This provides: * Resistance to high vibration and shock (MIL-STD-810). * Moisture and salt-spray protection. * Improved heat dissipation from the internal components to the baseplate. --- ## 3. Connector and Pin Configuration The module features a standard Vicor Full-Brick pinout: | Pin Type | Description | Function | | :--- | :--- | :--- | | **+In / -In** | Primary Power | 270V DC Input source | | **Gate In / Out** | Synchronization | Allows daisy-chaining multiple modules | | **+Out / -Out** | Secondary Power | 48V DC Output to load | | **+Sense / -Sense**| Feedback | Compensates for voltage drops across wires | | **Trim** | Adjustment | Allows fine-tuning of the 48V output voltage | --- ## 4. Compliance and Standards Because it is a "MI" (Military) grade part, it is designed to meet or exceed: * **MIL-STD-461:** Electromagnetic Interference (with external filtering). * **MIL-STD-810:** Environmental testing (Temperature/Vibration). * **MIL-HDBK-217:** High MTBF (Mean Time Between Failures) for mission-critical use.
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the MI-RJ74-MA baseplate?
    • ⤷ Can the Trim pin be used to increase the output voltage beyond 48V?
    • ⤷ How does this module handle short-circuit protection?