Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MI201209-R12

  • AI
    The **MI201209-R12** is a specific electronic component, typically categorized as a **Multilayer Chip Inductor** (or Ferrite Chip Bead depending on the manufacturer's prefixing convention). It is a surface-mount device (SMD) commonly used for high-frequency filtering and power supply decoupling. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical specifications: | Segment | Meaning | Description | | :--- | :--- | :--- | | **MI** | Series Type | Often denotes "Multilayer Inductor" or Magnetic Interference component. | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (Equivalent to **0805** in Imperial units). | | **09** | Thickness | Approximately 0.9mm height profile. | | **R12** | Inductance Value | "R" acts as a decimal point. **0.12 µH** (120 nH). | --- ### 2. Key Electrical Specifications While specific parameters can vary slightly by brand (such as Taiyo Yuden or Sunlord), the standard specs for an R12 (120nH) inductor in an 0805 package are: * **Inductance:** 0.12 µH ± 10% or 20%. * **DC Resistance (DCR):** Typically low (ranging from 0.15Ω to 0.50Ω), minimizing power loss. * **Rated Current:** Generally between 200mA and 500mA (thermal limit). * **Self-Resonant Frequency (SRF):** Usually high (>250 MHz), making it effective for high-speed signal lines. --- ### 3. Physical Characteristics * **Package Style:** 0805 (SMD). * **Material:** Ferrite-based multilayer construction. * **Termination:** Tin-plated (Pb-free) for standard reflow soldering. * **Operating Temperature:** Generally -40°C to +85°C or +125°C. --- ### 4. Common Applications This component is primarily used in the following scenarios: 1. **EMI Suppression:** Filtering electromagnetic interference in digital circuits. 2. **RF Circuits:** Matching networks or chokes in wireless communication modules (Bluetooth, Wi-Fi). 3. **Power Decoupling:** Placed near the VCC pins of ICs to filter high-frequency noise from the power rail. 4. **Consumer Electronics:** Used extensively in smartphones, tablets, and laptops due to its small footprint.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 0805 and 2012 package size?
    • ⤷ How does the 'R12' inductance value affect high-frequency filtering?
    • ⤷ Can this part be substituted with a Ferrite Bead of the same size?