Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MIL-R-83401

  • AI
    ## Understanding MIL-R-83401 **MIL-R-83401** is a United States Military Specification (MIL-SPEC) that establishes the requirements for **Resistor Networks**. These are packages containing multiple individual resistors integrated into a single component, designed for high-reliability applications in defense, aerospace, and maritime environments. --- ### 1. Key Characteristics The specification covers fixed, film resistor networks. These parts are preferred in military design because they offer better space efficiency and temperature tracking between resistors compared to discrete components. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Film Resistor Networks | | **Package Styles** | SIP (Single In-line Package), DIP (Dual In-line Package), and Flat Pack | | **Reliability Levels** | Established Reliability (ER) with specific failure rate levels (M, P, R, S) | | **Resistance Range** | Typically 10 Ohms to 1 Megohm (varies by style) | | **Temperature Coeff.** | Characterized by Characteristic K (±100 ppm/°C), H (±50 ppm/°C), etc. | --- ### 2. Common Internal Schematics MIL-R-83401 networks come in standardized internal configurations, denoted by a letter in the part number: * **Schematic A (Isolated):** Individual resistors with no internal connections to each other. * **Schematic B (Bussed):** All resistors are connected to a single common pin. * **Schematic C (Dual Terminator):** Pairs of resistors connected in series between two voltage rails (e.g., for line termination). --- ### 3. Part Number Breakdown (Example) A typical MIL-R-83401 part number looks like this: `M8340101K1001FB`. | Segment | Code | Meaning | | :--- | :--- | :--- | | **Specification** | `M83401` | The MIL-SPEC number | | **Detail Spec** | `01` | Defines the physical package (e.g., 14-pin DIP) | | **Characteristic** | `K` | Temperature coefficient (e.g., ±100 ppm/°C) | | **Resistance** | `1001` | 100 + 1 zero = 1000 $\Omega$ (1k) | | **Tolerance** | `F` | Resistance tolerance (F = 1%, G = 2%, J = 5%) | | **Schematic** | `B` | Internal wiring (B = Common/Bussed) | --- ### 4. Environmental & Testing Requirements To qualify for MIL-R-83401, parts must undergo rigorous testing: 1. **Thermal Shock:** Resistance to extreme temperature cycling. 2. **Moisture Resistance:** Integrity of the seal and film against humidity. 3. **Life Testing:** Operating at rated power for 1,000 to 10,000 hours to ensure stability. 4. **Solderability:** Ensuring pins can be reliably soldered after long-term storage.
    ✨ Follow-up Questions
    • ⤷What are the main differences between MIL-R-83401 and commercial-grade resistor networks?
    • ⤷ How do I choose between Schematic A and Schematic B for a specific circuit?
    • ⤷ What are the common package dimensions for an M83401 14-pin DIP?