Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MJS2-R

  • AI
    The **MJS2-R** typically refers to a series of **Micro-miniature Joystick Switches** (often manufactured by companies like Mitsumi or similar electronics component firms). These are surface-mount (SMD) components used primarily in handheld electronics for navigation. --- ### 1. Component Overview The MJS2-R is a multi-directional tactile switch designed to provide 4-way or 5-way (navigation + center push) functionality within a very small footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Multi-directional Tactile Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuitry** | SPST (Single Pole Single Throw) per direction | | **Operating Force** | 1.5N to 2.5N (depending on axis) | | **Travel Distance** | 0.2mm to 0.5mm | | **Durability** | ~100,000 to 500,000 cycles | --- ### 2. Internal Electronic Structure The device operates as a matrix of simple momentary switches. - **Common Terminal:** Usually, all directional switches share a common ground or power pin. - **Directional Pins:** There are dedicated pins for **Up, Down, Left, and Right**. - **Center Push:** Most models include a "Select" or "Enter" function activated by pressing straight down on the lever. #### Wiring Logic Example: ```c // Typical Pinout Mapping Pin 1: Common (GND) Pin 2: Direction - Up Pin 3: Direction - Down Pin 4: Direction - Left Pin 5: Direction - Right Pin 6: Center Push (Select) ``` --- ### 3. Key Technical Applications Because of its "micro" profile, the MJS2-R is found in devices where space is at a premium: 1. **Digital Cameras:** Used for menu navigation and photo scrolling. 2. **Remote Controls:** High-end smart remotes for directional input. 3. **Portable Media Players:** Volume and track control. 4. **Handheld Medical Devices:** Navigating interfaces on small OLED/LCD screens. --- ### 4. Typical Circuit Integration When integrating an MJS2-R into a PCB design, it is standard practice to use **Pull-up Resistors**. ```python # Pseudo-logic for reading MJS2-R state if (digitalRead(LEFT_PIN) == LOW): move_cursor_left() elif (digitalRead(CENTER_PIN) == LOW): confirm_selection() ``` - **Debouncing:** Like all mechanical switches, the MJS2-R requires hardware (capacitors) or software debouncing to prevent "flicker" during a press. - **Voltage:** Usually rated for low voltage DC (e.g., 12V DC at 50mA).
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of the MJS2-R footprint?
    • ⤷ Does the MJS2-R support analog output for proportional control?
    • ⤷ What is the recommended soldering profile for MJS2-R SMD components?