Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MJS500-R

  • AI
    The **MJS 500-R** typically refers to a high-capacity, slow-blow micro fuse (specifically a radial leaded fuse) produced by manufacturers like **Bel Fuse Inc.** This part is critical in power electronics for circuit protection. --- ### 1. Technical Specifications The "MJS" series is characterized by its miniature size and time-delay (slow-blow) characteristics. | Parameter | Specification (Typical) | | :--- | :--- | | **Current Rating** | 500mA (0.5A) | | **Voltage Rating** | 250V AC / 125V DC | | **Fuse Type** | Slow-Blow (Time-Delay) | | **Mounting Type** | Radial Leaded / Through-Hole | | **Material** | Glass or Ceramic Body with Pig-tail leads | | **Standards** | UL, CSA, VDE approved | --- ### 2. Key Electronic Components & Features The MJS 500-R is engineered with specific materials to handle inrush currents without "nuisance tripping." * **The Fuse Element:** Usually a coiled wire or a filament with a "T-speed" rating. The 500mA rating means it will carry this current indefinitely, but will melt if the current exceeds specific thresholds over a set duration. * **The "-R" Suffix:** In modern electronic components, the "-R" suffix almost always denotes **RoHS Compliance**, meaning the part is lead-free and environmentally safe according to EU standards. * **Slow-Blow Mechanism:** Unlike fast-acting fuses, the MJS 500-R can withstand brief surges (like a motor starting or a capacitor charging) because the internal element has a higher thermal mass. --- ### 3. Application Use Cases This specific fuse is commonly found in the following electronic environments: 1. **Power Supplies:** Used on the primary side to protect against short circuits. 2. **Industrial Controllers:** Protecting sensitive logic boards from power spikes. 3. **Consumer Electronics:** Found in chargers, LED drivers, and small appliances where space is limited but high voltage (250V) protection is needed. 4. **Telecommunications:** Protection for line cards and networking hardware. --- ### 4. Comparison: Fast-Blow vs. Slow-Blow (MJS) | Feature | MJS (Slow-Blow) | Fast-Acting Fuses | | :--- | :--- | :--- | | **Surge Tolerance** | High (handles inrush) | Low (blows immediately) | | **Typical Protection** | Inductive loads (Motors, Transformers) | Resistive loads (IC Protection) | | **Internal Build** | Thick/Coiled element | Thin, straight filament |
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the MJS 500-R fuse?
    • ⤷ How does the 'Time-Current Curve' affect the selection of this fuse?
    • ⤷ What are the common alternatives to the Bel Fuse MJS series?