Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ML2010V-R005-FT

  • AI
    ## Technical Overview of ML2010V-R005-FT The **ML2010V-R005-FT** is a high-precision, low-resistance **Current Sense Resistor** (often referred to as a Shunt Resistor). These components are designed to monitor current flow in electronic circuits by measuring the voltage drop across the resistor. ### 1. Key Specifications The part number follows a specific nomenclature used by manufacturers (typically related to the ML series by brands like **Royalohm** or similar precision resistor manufacturers). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.005 Ω (5mΩ) | Indicated by "R005" | | **Tolerance** | ±1% | Indicated by "F" | | **Package/Case** | 2010 | Surface Mount (SMD) size: 5.0mm x 2.5mm | | **Power Rating** | Typically 0.75W - 1W | Depending on the specific series thermal management | | **Technology** | Metal Strip / Alloy | Provides high stability and low TCR | --- ### 2. Physical Characteristics * **Form Factor:** It uses the **2010 SMD** footprint, making it suitable for automated pick-and-place assembly. * **Material:** Constructed from a robust metal alloy element. Unlike standard thick-film resistors, metal strip resistors are more resistant to pulse loads and offer better thermal dissipation. * **Terminal Type:** "V" often denotes a specific terminal plating or high-temperature rating, though this varies slightly by manufacturer. ### 3. Functional Application Current sensing relies on Ohm’s Law ($V = I \times R$). Since the resistance ($R$) is a known constant (5mΩ), the circuit's microcontroller can calculate the current ($I$) by measuring the voltage ($V$) across the terminals. **Common Use Cases:** 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion batteries. 2. **DC-DC Converters:** Providing feedback loops for power regulation. 3. **Motor Controllers:** Detecting over-current conditions to protect the motor. 4. **Power Supplies:** Load monitoring in high-efficiency PSU units. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ML** | Series Code (usually Metal Strip Low Ohm) | | **2010** | Case Size (Inch dimensions: 0.20" x 0.10") | | **V** | Feature Code (often refers to Power Rating or Operating Temp) | | **R005** | Resistance Value (0.005 Ohms) | | **F** | Tolerance (±1%) | | **T** | Packaging Style (usually Tape & Reel) | ---
    ✨ Follow-up Questions
    • ⤷What is the Maximum Operating Temperature for the ML2010 series?
    • ⤷ How does a 4-terminal sensing layout differ from this 2-terminal 2010 part?
    • ⤷ What are the alternatives to R005 if I need higher sensitivity?