Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ML2010V-R200-FB

  • AI
    The **ML2010V-R200-FB** is a high-performance **Surface Mount (SMD) Power Inductor**, commonly used in automotive and industrial electronic circuits. It is designed for high-frequency power conversion and noise filtering. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard naming convention for magnetic components: | Parameter | Specification | | :--- | :--- | | **Component Type** | Power Inductor (Wire-wound) | | **Inductance** | 0.20 µH (200nH) | | **Tolerance** | ±20% (indicated by 'M' or 'V' series standards) | | **Footprint / Size** | 2010 Metric (approx. 2.0 x 1.0 mm) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Key Electronic Characteristics These parts are engineered to handle high current despite their small physical size. * **Low DC Resistance (DCR):** The "R200" indicates a low inductance value, which typically correlates with a very low DCR. This minimizes power loss and heat generation during operation. * **High Saturation Current ($I_{sat}$):** Designed to maintain inductance levels even when high peaks of current pass through the coil. * **Operating Temperature:** Most parts in this series are rated for **-40°C to +125°C**, making them suitable for harsh environments. * **Magnetic Shielding:** The "FB" suffix often denotes a shielded construction, which reduces Electromagnetic Interference (EMI) with neighboring components on the PCB. --- ### 3. Application Use-Cases This specific inductor is typically found in the following electronic stages: 1. **DC-DC Converters:** Used in buck (step-down) or boost (step-up) converters to store energy. 2. **Voltage Regulator Modules (VRM):** Common in smartphones, tablets, and automotive ECUs where space is limited but power efficiency is critical. 3. **High-Speed Signal Filtering:** Due to the low inductance (200nH), it is effective at filtering high-frequency noise in power lines. --- ### 4. Technical Summary Table | Feature | Value / Description | | :--- | :--- | | **Core Material** | Metal Alloy or Ferrite (depending on specific manufacturer) | | **Current Rating** | Typically 2A to 5A (varies by thermal design) | | **Shielding** | Shielded (Magnetic) | | **Standard Compliance** | Often AEC-Q200 (Automotive Grade) |
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current (Isat) for the ML2010V-R200-FB?
    • ⤷ How does the 'FB' suffix affect the EMI performance compared to unshielded models?
    • ⤷ What are the recommended reflow soldering profiles for this 2010 package?