Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ML413RAM

  • AI
    The **ML413RAM** refers to a specific memory module configuration, often associated with legacy systems or specialized industrial computing components. To understand the electronic parts of a RAM module like this, we must break it down into its physical and logical architecture. --- ### 1. Key Electronic Components A standard RAM module (like the ML413 series) consists of several critical electronic parts mounted on a **PCB (Printed Circuit Board)**: | Component | Description | Function | | :--- | :--- | :--- | | **DRAM Chips** | The black rectangular blocks. | These store the actual binary data using capacitors and transistors. | | **SPD EEPROM** | Serial Presence Detect chip. | Stores technical data (timing, voltage, speed) so the BIOS can configure it. | | **Resistor Networks** | Small surface-mount arrays. | Manage signal termination and prevent electrical reflections/noise. | | **Decoupling Capacitors** | Small ceramic components. | Smooth out voltage fluctuations to ensure stable power delivery to the chips. | | **Gold Fingers** | The edge connector pins. | Provide the electrical interface between the module and the motherboard slot. | --- ### 2. Physical Architecture The "ML413" designation usually implies specific architectural traits: 1. **Form Factor:** Typically a DIMM (Desktop) or SO-DIMM (Laptop) interface. 2. **Memory Density:** The total capacity is determined by the number of DRAM chips and their individual density (e.g., 8 chips of 512MB each). 3. **Bus Width:** Standard modules usually operate on a 64-bit data bus (or 72-bit for ECC versions). --- ### 3. Electronic Operation Principle The ML413RAM functions based on three primary electronic states: * **Refresh Cycle:** Because DRAM uses capacitors to store bits, the charge leaks over time. The electronic controller must "refresh" the charge thousands of times per second. * **Voltage Regulation:** Most modern modules operate between **1.2V and 1.5V**. Specialized circuitry on the motherboard (VRMs) ensures the RAM receives this precise voltage to prevent silicon degradation. * **Clock Synchronization:** The module operates in sync with the system clock (Synchronous DRAM), ensuring data is sent/received on specific edges of the electrical signal. --- ### 4. Technical Specifications Table | Feature | Typical Value (ML413 Series) | | :--- | :--- | | **Voltage** | 1.35V - 1.5V | | **Interface** | DDR3 / DDR4 (depending on specific sub-model) | | **Data Rate** | 1600MT/s to 2400MT/s | | **Configuration** | Unbuffered / Non-ECC (Standard) | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific capacity of the ML413RAM module?
    • ⤷ How does an SPD chip communicate with the motherboard BIOS?
    • ⤷ What are the primary differences between DDR3 and DDR4 electronic components?