Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLF1608DR10KT

  • AI
    ## Technical Overview of MLF1608DR10KT The **MLF1608DR10KT** is a high-performance multilayer chip inductor manufactured by TDK Corporation. It is specifically designed for high-frequency circuits and signal processing where miniaturization and reliability are critical. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Inductance** | 100 nH (0.10 µH) | | **Tolerance** | ±10% (K) | | **DC Resistance (Max)** | 0.35 Ω | | **Rated Current (Max)** | 300 mA | | **Self-Resonant Frequency** | 450 MHz | | **Case Size (EIA/Metric)** | 0603 / 1608 | | **Dimensions (L x W x H)** | 1.6mm x 0.8mm x 0.8mm | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying its specific role in a circuit: * **MLF**: Multilayer Ferrite Inductor series. * **1608**: Dimensions in millimeters (1.6mm x 0.8mm), equivalent to the 0603 inch size. * **D**: Characteristic type (Standard). * **R10**: Inductance value (R represents the decimal point; R10 = 0.10 µH). * **K**: Tolerance (±10%). * **T**: Packaging (Taping/Reel). --- ### 3. Core Features and Applications #### Features * **Multilayer Structure:** Built using a ceramic/ferrite layering process that eliminates the need for wire winding, resulting in a more compact and rugged component. * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with neighboring components. * **High Reliability:** No external leads to break, and highly resistant to thermal shock and mechanical stress. #### Applications * **Mobile Communication:** Used in smartphones and tablets for signal line filtering. * **High-Frequency Modules:** Ideal for Bluetooth, Wi-Fi, and NFC circuits. * **Consumer Electronics:** Power supply decoupling and noise suppression in digital cameras, TVs, and portable audio players. --- ### 4. Selection Considerations When designing with the MLF1608DR10KT, engineers must account for the **Q-factor** (Quality Factor). While multilayer inductors offer excellent space savings and shielding, they generally have a lower Q-factor compared to wire-wound inductors. This makes them better suited for general filtering and decoupling rather than high-precision RF tuning.
    ✨ Follow-up Questions
    • ⤷ How does the MLF1608DR10KT compare to a wire-wound inductor of the same value?
    • ⤷ What are the specific derating curves for this inductor at high temperatures?
    • ⤷ Can this inductor be used for power supply line filtering in automotive applications?