Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLF1608DR10MTA00

  • AI
    The **MLF1608DR10MTA00** is a high-performance multilayer chip inductor manufactured by TDK. It is part of the MLF series, designed specifically for general signal line applications where high reliability and miniaturization are required. --- ### 1. Technical Specifications The following table highlights the core electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.1 µH (100 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (Max)** | 0.25 Ω | | **Rated Current** | 300 mA | | **Self-Resonant Frequency (Min)** | 400 MHz | | **Operating Temperature Range** | -55°C to +125°C | | **Case Size (EIA/Metric)** | 0603 / 1608 (1.6mm x 0.8mm) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific features of this component: * **MLF**: Series name (Multilayer Ferrite). * **1608**: Dimensions (1.6mm length x 0.8mm width). * **D**: Characteristic type (Standard). * **R10**: Inductance value ($R10 = 0.10\mu H$). * **M**: Inductance tolerance ($\pm20\%$). * **TA00**: Packaging code (typically refers to Taping/Reel specifications). --- ### 3. Key Features and Construction * **Multilayer Structure:** Unlike wire-wound inductors, this part is created by layering ferrite and conductive materials. This results in a solid, integrated block that is highly resistant to mechanical stress. * **Magnetic Shielding:** The multilayer structure provides inherent magnetic shielding. This minimizes electromagnetic interference (EMI) with surrounding components, allowing for high-density mounting. * **Reliability:** The monolithic structure ensures high reliability in wide temperature ranges, making it suitable for automotive and industrial environments. --- ### 4. Common Applications This inductor is typically found in the following circuits: 1. **Smartphones and Tablets:** Used in signal line noise suppression. 2. **Modules:** Bluetooth, WLAN, and other RF modules. 3. **Consumer Electronics:** Digital cameras, video players, and portable game consoles. 4. **Decoupling:** Used in power supply lines to filter out high-frequency noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between multilayer and wire-wound inductors?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?
    • ⤷ How does the DC resistance of this model affect its efficiency in power-sensitive circuits?