Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLF2012DR10JT000

  • AI
    The **MLF2012DR10JT000** is a multilayer ceramic chip inductor manufactured by TDK Corporation. It is designed for high-frequency circuit applications where space-saving and reliability are critical. --- ### 1. General Specifications The part number can be decoded to understand the physical and electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.1 µH (100 nH) | | **Tolerance** | ±5% (J) | | **Case Size (EIA)** | 0805 | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **DC Resistance (Max)** | 0.20 Ω | | **Rated Current** | 300 mA | | **Self-Resonant Frequency (Min)** | 450 MHz | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Key Features * **Multilayer Structure:** Unlike wire-wound inductors, this part uses integrated layers of ceramic and conductive material, making it more compact and physically robust. * **Magnetic Shielding:** The closed magnetic circuit design minimizes crosstalk and electromagnetic interference (EMI) with surrounding components. * **High Reliability:** No lead wires or external windings, which reduces the risk of mechanical failure under vibration. * **Solderability:** Features tin (Sn) plating over a nickel (Ni) barrier, making it suitable for lead-free reflow soldering processes. --- ### 3. Applications This inductor is typically used in the following circuits: 1. **Mobile Devices:** Smart phones and tablets for signal line noise suppression. 2. **Computing:** Modules for laptops and servers. 3. **General Consumer Electronics:** Used in power supply decoupling and high-frequency filtering. 4. **Signal Processing:** Smoothing and filtering in RF and analog circuits. --- ### 4. Part Number Breakdown ```text MLF 2012 D R10 J T 000 | | | | | | | | | | | | | +-- Internal Code (000) | | | | | +----- Packaging (T = Taping) | | | | +------- Tolerance (J = ±5%) | | | +----------- Inductance (R10 = 0.1µH) | | +-------------- Characteristic Code (D = High-speed/Standard) | +------------------ Dimensions (2012 = 2.0 x 1.25mm) +----------------------- Series Name (Multilayer Inductor) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between this multilayer inductor and a wire-wound inductor?
    • ⤷ Can this part be used in automotive applications requiring AEC-Q200 certification?
    • ⤷ How does the 'Q factor' of this inductor impact high-frequency performance?