Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLF2012DR10JTD25

  • AI
    ## MLF2012DR10JTD25: Product Analysis The **MLF2012DR10JTD25** is a high-performance **multilayer ferrite chip inductor** manufactured by **TDK Corporation**. It belongs to the MLF series, which is designed for general circuit applications requiring high reliability and compact form factors. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.1 µH (100 nH) | | **Tolerance** | ±5% (J) | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **DC Resistance (Max)** | 0.20 Ω | | **Rated Current (Max)** | 300 mA | | **Self-Resonant Frequency** | 550 MHz (Typical) | | **Operating Temperature** | -55°C to +125°C | | **Construction** | Multilayer / Shielded | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the component's capabilities: * **MLF**: Series Name (Multilayer Ferrite Inductor). * **2012**: Dimensions (2.0mm length × 1.25mm width). * **D**: Internal material/characteristic code. * **R10**: Inductance value (R10 = 0.1 µH). * **J**: Tolerance (J = ±5%). * **T**: Packaging (T = Tape and Reel). * **D25**: Specific TDK internal design/height suffix. --- ### 3. Features and Advantages * **Magnetic Shielding:** The multilayer structure creates a closed magnetic path, minimizing electromagnetic interference (EMI) and crosstalk with neighboring components. * **High Reliability:** No wire-wound structure eliminates the risk of wire breakage, making it suitable for automotive and high-vibration environments. * **High Q Factor:** Optimized for low losses in signal processing circuits. * **Compact Footprint:** The 0805 (2012 metric) package is ideal for high-density PCB layouts. --- ### 4. Typical Applications This specific inductor is generally used in: 1. **Consumer Electronics:** Smart phones, tablets, and portable media players. 2. **Automotive Systems:** In-car infotainment and navigation systems. 3. **Communication:** Signal line noise filtering and decoupling in high-frequency circuits. 4. **Power Management:** Low-current DC-DC converter output filtering.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between this multilayer inductor and a wire-wound inductor?
    • ⤷ Can this part be used in AEC-Q200 automotive applications?
    • ⤷ How does the Q factor of this inductor change at higher frequencies?