Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLF2012DR10MT

  • AI
    ## Electronic Overview of MLF2012DR10MT The **MLF2012DR10MT** is a high-performance **multilayer ferrite chip inductor** manufactured by TDK Corporation. It is designed for general signal line applications, specifically focusing on high-density mounting and shielding. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical and physical characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.1 µH | Measured at 25MHz | | **Tolerance** | ±20% | L-Tolerance code "M" | | **Case Size (EIA)** | 0805 | 2.0mm x 1.25mm | | **DC Resistance (DCR)** | 0.15 Ω (Max) | Affects power efficiency | | **Rated Current** | 300 mA | Maximum continuous current | | **Self-Resonant Freq (SRF)** | 550 MHz (Min) | Frequency where it acts as an open circuit | | **Operating Temp** | -55°C to +125°C | Industrial grade range | --- ### 2. Internal Structure and Technology Unlike traditional wire-wound inductors, the MLF series uses a **Multilayer Structure**: * **Ferrite Layers:** The inductor is constructed by layering ferrite material and conductive internal electrodes. * **Magnetic Shielding:** The closed magnetic circuit structure naturally provides magnetic shielding. This minimizes crosstalk between components and electromagnetic interference (EMI). * **Monolithic Design:** This results in high reliability and a compact footprint compared to surface-mount wire-wound alternatives. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **MLF** | Multilayer Ferrite Inductor series | | **2012** | Dimensions (2.0mm x 1.25mm) | | **D** | Characteristic (Standard Type) | | **R10** | Inductance Value (R10 = 0.10 µH) | | **M** | Tolerance (M = ±20%) | | **T** | Packaging (T = Taping / Reel) | --- ### 4. Common Applications Due to its shielding and small size, the MLF2012DR10MT is typically found in: * **Smartphones and Tablets:** Signal line filtering in dense PCBs. * **Audio Circuits:** Removing high-frequency noise without distorting the audio signal. * **Modules:** Bluetooth, Wi-Fi, and GPS modules where space is limited and EMI must be controlled. * **Digital Logic:** Decoupling high-speed signal lines.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MLF series and the MLP series from TDK?
    • ⤷ How does the Q-factor of a multilayer inductor compare to a wire-wound inductor?
    • ⤷ Can this inductor be used in high-power switching regulators?