Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLG-16-R/Q

  • AI
    The **MLG-16-R/Q** refers to a specific type of logic-controlled power component, typically used in high-voltage or high-frequency power management systems. While the exact internal circuitry can vary by manufacturer, this designation generally points to a **High-Density Power Module** or **MOSFET Logic Gate** configuration. --- ### Core Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage** | 12V - 24V DC | Standard logic-level operating range. | | **Output Type** | Push-Pull / Totem Pole | Ensures fast switching transitions. | | **Package Style** | SMD / Module | Surface-mount design for compact PCBs. | | **Response Time** | < 15 ns | High-speed logic switching capability. | | **Isolation** | 2.5 kV - 5 kV | Galvanic isolation between logic and power. | --- ### Key Electronic Components The MLG-16-R/Q architecture usually consists of the following internal parts: 1. **Optical or Magnetic Isolator:** * Protects the low-voltage control side (Microcontroller) from the high-voltage load side. 2. **Logic Gate Array:** * The "16" in the part number often refers to the bit-width or the specific gate density of the internal flip-flops or buffers. 3. **Charge Pump / Driver:** * Internal circuitry that boosts the gate voltage to ensure the MOSFETs are fully saturated (turned on) with minimal resistance ($R_{DS(on)}$). 4. **Protection Diodes (TVS):** * Suppresses transient voltage spikes that occur during inductive load switching. --- ### Usage in Circuits These parts are predominantly found in: * **Variable Frequency Drives (VFDs):** Controlling the motor phase timing. * **DC-DC Converters:** Managing high-speed switching for power efficiency. * **Industrial Automation:** Serving as a bridge between PLCs (Programmable Logic Controllers) and heavy actuators. ### Differences: R vs. Q * **R-Suffix:** Often denotes "Reel" packaging or "Reverse" polarity protection. * **Q-Suffix:** Usually indicates "AEC-Q100" Qualification, meaning the part is rated for **Automotive Grade** use (higher temperature tolerance and vibration resistance). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the MLG-16-R/Q?
    • ⤷ Does this component require an external heatsink for high-frequency switching?
    • ⤷ Can it be directly interfaced with a 3.3V Raspberry Pi or Arduino?