Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLS-0A-R

  • AI
    The **MLS-0A-R** is a specific magnetic sensor component, typically identified as a **Magnetic Proximity Switch** or **Reed Switch Sensor**. These devices are used across various industries for non-contact position sensing. ### 1. Technical Specifications While exact specifications can vary by manufacturer (common brands include those specializing in pneumatic and hydraulic automation), the "MLS" series generally follows these parameters: | Parameter | typical Specification | | :--- | :--- | | **Switching Logic** | Normally Open (SPST) | | **Sensor Type** | Magnetic Reed Switch | | **Operating Voltage** | 5V - 240V AC/DC | | **Max Switching Current** | 100mA | | **Contact Rating** | 10W Max | | **Indicator** | Red LED (usually present for status) | | **Operating Temp** | -10°C to +70°C | --- ### 2. Physical Construction & Wiring The "R" suffix often denotes a **Reed Switch** mechanism enclosed in a plastic or metal housing designed to fit into the "T-slot" or "C-slot" of an air cylinder. * **Internal Parts:** Consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. * **Wiring Diagram:** * **Brown Wire:** Positive (+) / Live * **Blue Wire:** Negative (-) / Neutral * *Note: Since it is a 2-wire switch, the load must be connected in series.* --- ### 3. Key Electronic Characteristics #### A. Magnetic Actuation The sensor remains in an "Open" state until a magnetic field (usually from a magnet mounted on a piston inside a cylinder) comes within range. The magnetic flux pulls the reeds together, closing the circuit. #### B. The LED Circuit The MLS-0A-R usually includes a small LED. Because it is a 2-wire device, a small amount of "leakage current" passes through the circuit even when the switch is open to power the LED, or a voltage drop occurs across the switch when closed. #### C. Protection * **Varistor/Zener Diode:** Often included to protect the reed contacts from voltage spikes caused by inductive loads (like solenoid valves). --- ### 4. Applications * **Pneumatic Cylinders:** Sensing the end-of-stroke position of a piston. * **Security Systems:** Detecting if a door or window is open. * **Limit Switching:** Acting as a non-contact stop for moving machinery parts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-wire and 3-wire magnetic sensor?
    • ⤷ How do I wire the MLS-0A-R to a PLC input?
    • ⤷ Can this sensor be used with AC voltage directly?