Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLS-0A-R/E

  • AI
    The **MLS-0A-R/E** is a specific electronic component typically identified as a **Photo Interrupter** or **Optical Slot Sensor**. These devices are used to detect the presence or movement of an object by breaking an infrared light beam. --- ### 1. Technical Specifications The MLS-0A-R/E operates on the principle of optoelectronics. It consists of an Infrared Emitting Diode (IRED) and a Phototransistor facing each other across a small gap. | Parameter | Type/Value | | :--- | :--- | | **Component Type** | Transmissive Photo Interrupter | | **Light Source** | Infrared LED | | **Sensor Type** | Phototransistor | | **Mounting Type** | Through-hole (PCB) | | **Slot Width** | Typically 3mm - 5mm (Standard for MLS series) | | **Output Type** | Analog (Current varies based on light intensity) | --- ### 2. Internal Construction The device is housed in a "U" shaped plastic casing. The internal circuit is divided into two main parts: 1. **The Emitter (Input):** An IR LED that requires a current-limiting resistor. When powered, it emits invisible infrared light. 2. **The Detector (Output):** A phototransistor that becomes conductive when it receives the IR light from the emitter. 3. **The Gap:** The physical space between the emitter and detector where an "encoder disk" or "actuator" passes to block the light. --- ### 3. Operating Principle The sensor functions as a digital or analog switch based on light obstruction: * **Unblocked State:** The IR light reaches the phototransistor, allowing current to flow (Logic LOW or HIGH depending on the circuit configuration). * **Blocked State:** An opaque object enters the slot, stopping the light. The phototransistor stops conducting, changing the output signal. --- ### 4. Common Applications Due to its reliability and high speed, the MLS-0A-R/E is frequently used in: * **Printers/Copiers:** To detect paper jams or home positions of the print head. * **Optical Encoders:** Measuring the RPM (speed) of motors by counting pulses from a slotted wheel. * **Vending Machines:** Detecting the passage of coins or dispensed products. * **Industrial Automation:** Limit switching for moving mechanical parts. --- ### 5. Typical Wiring Diagram To use this part with a microcontroller (like an Arduino), you generally follow this logic: ```cpp // Logic Example // Emitter: VCC -> Resistor (220 ohm) -> Anode | Cathode -> GND // Detector: VCC -> Collector | Emitter -> Resistor (10k) -> GND // Signal is taken from the junction of the Emitter and the Resistor. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this photo interrupter?
    • ⤷ How do I calculate the correct resistor value for the IR LED?
    • ⤷ What is the difference between the 'R' and 'E' suffixes in this part number?