Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLS-22-R/E

  • AI
    The **MLS-22-R/E** is a specific electronic component typically identified as a **Micro Limit Switch** or a high-precision magnetic sensor/switch, commonly used in industrial automation and precision machinery. Below is an explanation of its electronic characteristics, technical specifications, and typical applications. --- ### 1. Component Overview The MLS-22-R/E is designed to detect the position of moving parts without physical contact (if magnetic) or via minimal mechanical force. The "R/E" suffix often denotes specific wiring configurations or contact types (e.g., Reed Switch or Electronic NPN/PNP output). ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Switching Logic** | Normally Open (NO) or Changeover | | **Operating Voltage** | Typically 5V to 24V DC | | **Max Current** | 50mA - 100mA (Signal level) | | **Response Time** | < 1ms | | **Indicator** | Often includes an integrated LED (Red/Green) for status | | **Connection Type** | Lead wire (typically 2m or 3m) or M8/M12 Connector | ### 3. Internal Electronic Structure The device generally consists of three main stages: 1. **Sensing Element:** A Reed switch (mechanical-magnetic) or a Hall Effect sensor (solid-state). 2. **Signal Conditioning:** Internal circuitry that de-bounces the signal to prevent "chatter" or false triggering. 3. **Output Driver:** A transistor (NPN or PNP) or a dry contact that interfaces with a PLC (Programmable Logic Controller). ### 4. Wiring Configuration Most MLS-22 models follow the standard industrial color coding: * **Brown:** Positive Supply (+V) * **Blue:** Negative/Ground (0V) * **Black:** Output Signal (Load) --- ### 5. Common Applications * **Pneumatic Cylinders:** Mounted on the side of a cylinder to detect the piston's end-of-stroke position. * **Robotic Arms:** Used as limit switches to prevent over-travel. * **Safety Interlocks:** Ensuring a guard door is closed before a machine starts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP versions of this switch?
    • ⤷ How do I test the MLS-22-R/E using a multimeter?
    • ⤷ Can this switch be used with an Arduino or Raspberry Pi?