Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLS-22-R/Q

  • AI
    Based on technical specifications for industrial electronic components, the **MLS-22-R/Q** typically refers to a high-precision magnetic proximity sensor or a limit switch often used in pneumatic systems and automation. ### 1. Component Overview This part is a **Magnetic Reed Switch** or **Solid State Auto-Switch** designed to detect the position of a piston within a cylinder. The "R" usually denotes a Reed type (mechanical contact), while "Q" often signifies a specific connector type (like an M8 or M12 quick-disconnect). ### 2. Technical Specifications | Feature | Specification (Typical) | | :--- | :--- | | **Switching Logic** | SPST (Normally Open) | | **Sensor Type** | Magnetic Reed / Solid State | | **Operating Voltage** | 5-240V AC/DC (Reed) / 10-30V DC (Solid State) | | **Switching Current** | 100mA Max | | **Contact Capacity** | 10W Max | | **Internal Voltage Drop** | 2.5V - 3.5V Max | | **Indicator Lamp** | Red or Green LED | --- ### 3. Electronic Design Features * **Protection Circuitry:** Many versions include a Varistor or Zener diode to protect the contacts from inductive surges (Back-EMF) when switching solenoids. * **LED Indicator:** A series-connected LED allows for visual confirmation of the magnetic field detection. * **Housing:** Usually encased in a flame-retardant plastic (PBT) and potted with epoxy for IP67 water/dust resistance. --- ### 4. Wiring Diagram Representation The device typically follows standard industrial wiring colors: ```text [ Brown ] (+) --- Positive Power Supply [ Blue ] (-) --- Negative / Load Return [ Black ] (Out)-- Control Signal (For 3-wire versions) ``` ### 5. Common Applications 1. **Cylinder End-of-Stroke:** Detecting when a pneumatic actuator has reached its limit. 2. **Safety Interlocking:** Ensuring a guard or door is closed via magnetic alignment. 3. **PLC Input:** Providing a digital high/low signal to a logic controller.
    ✨ Follow-up Questions
    • ⤷What is the difference between the Reed type and Solid State versions of this sensor?
    • ⤷ How do I wire the MLS-22-R to a PLC input card?
    • ⤷ What mounting brackets are compatible with the MLS series?