Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLS-2A-R/Q

  • AI
    The **MLS-2A-R/Q** is a high-performance, precision **Current Transducer** based on the Magnetic Modulation principle (Fluxgate technology). It is primarily used for the non-contact measurement of DC, AC, and pulsed currents with extremely high accuracy and stability. --- ### ## 1. Key Technical Specifications The following table highlights the typical electrical parameters for the MLS series: | Parameter | Specification (Typical) | | :--- | :--- | | **Primary Nominal Current ($I_{pn}$)** | 2A (Nominal) | | **Measurement Range** | 0 to ±3A (Peak) | | **Supply Voltage ($V_c$)** | ±15V DC (±5%) | | **Output Type** | Current Output (Secondary current) | | **Accuracy** | < 0.1% at $T_a$ = 25°C | | **Linearity** | < 10 ppm | | **Operating Temperature** | -40°C to +85°C | --- ### ## 2. Core Electronic Components & Architecture The device operates using a closed-loop system involving several critical electronic stages: 1. **Fluxgate Sensor Element:** Unlike standard Hall Effect sensors, this uses a high-permeability magnetic core that is driven into saturation. It detects minute magnetic field imbalances with zero-offset stability. 2. **Compensation Coil (Secondary Winding):** A multi-turn winding that generates an opposing magnetic field to nullify the primary current's field. 3. **Integrator & Oscillator Circuitry:** Internal electronics that drive the fluxgate excitation and process the error signal to maintain the magnetic balance. 4. **Power Amplifier:** Drives the secondary current ($I_s$) through the compensation coil and the external burden resistor. --- ### ## 3. Connection and Pinout Logic While specific physical footprints can vary by sub-revision, the logic remains consistent: * **Positive Supply (+V):** Usually +15V. * **Negative Supply (-V):** Usually -15V. * **Output (M/Out):** The measurement signal. This current output must be passed through a precision **Sampling Resistor ($R_m$)** to convert it into a measurable voltage. * **Ground (0V):** Reference point for the power supply. --- ### ## 4. Primary Applications Because of its high precision and low drift, the MLS-2A-R/Q is found in specialized industrial environments: * **Precision Power Supplies:** Monitoring output stability. * **Medical Equipment:** Such as MRI gradient control or high-end X-ray machines. * **Calibration Standards:** Used as a reference transducer for testing lower-grade sensors. * **Leakage Current Detection:** Identifying small current imbalances in complex electrical systems. --- ### ## 5. Circuit Implementation Example To interface this part with a microcontroller or ADC, use the following logic: ```c // Concept for calculating Current from Voltage float sensitivity = 1000.0; // Example turns ratio (Secondary/Primary) float Rm = 100.0; // Measuring resistor in Ohms float Vout = readADC(); // Voltage measured across Rm // Formula: I_primary = (Vout / Rm) * Transformation_Ratio float I_primary = (Vout / 100.0) * 1000.0; ```
    ✨ Follow-up Questions
    • ⤷ What is the exact transformation ratio (turns ratio) for the MLS-2A-R/Q?
    • ⤷ What are the recommended values for the burden resistor (Rm) to prevent saturation?
    • ⤷ How does Fluxgate technology compare to Shunt resistors in terms of isolation?