Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLS-4WC-R

  • AI
    The **MLS-4WC-R** is a specific type of high-brightness, surface-mount LED component, typically utilized in signal lighting, indicator panels, and automotive applications. Below is a technical breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The device is characterized by its wide-angle viewing and low power consumption. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | SMT (Surface Mount Technology) LED | | **Color** | Red (R designation) | | **Peak Wavelength** | ~630nm - 660nm | | **Forward Voltage ($V_F$)** | 1.8V to 2.4V | | **Forward Current ($I_F$)** | 20mA (Nominal) | | **Luminous Intensity** | High-output (mcd varies by bin) | | **Viewing Angle** | 120° to 140° (Wide Beam) | --- ### 2. Internal Construction and Materials The "MLS" series usually refers to a specific lead-frame architecture designed for thermal efficiency. * **Semiconductor Material:** Usually **AlGaInP** (Aluminum Gallium Indium Phosphide), which is the standard for high-efficiency red and orange LEDs. * **Encapsulation:** Clear or water-clear epoxy resin to allow maximum light transmission. * **Thermal Management:** The "WC" often denotes a "Wide Cone" or specific heat-sink capability within the package to prevent thermal runaway. --- ### 3. Electronic Integration (Circuit Design) When integrating the MLS-4WC-R into a circuit, the following considerations are critical: #### Current Limiting To prevent the LED from burning out, a resistor must be placed in series. Use the formula: `R = (V_source - V_F) / I_F` ```python # Example Calculation for a 5V System source_voltage = 5.0 forward_voltage = 2.0 target_current = 0.020 # 20mA resistor_value = (source_voltage - forward_voltage) / target_current print(f"Required Resistor: {resistor_value} Ohms") # Output: 150 Ohms ``` --- ### 4. Typical Applications * **Automotive:** Brake lights, dashboard indicators, and interior lighting. * **Industrial:** Status indicators on PLCs (Programmable Logic Controllers) and control panels. * **Consumer Electronics:** Power buttons or notification lights where a wide viewing angle is required. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulse current rating for the MLS-4WC-R?
    • ⤷ Can you provide a comparison between the Red and Green versions of this series?
    • ⤷ What are the recommended soldering temperature profiles for this SMT part?