Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLS-AD-R

  • AI
    The **MLS-AD-R** is a magnetic navigation sensor (Magnetic Line Sensor) typically used in Automated Guided Vehicles (AGVs) and mobile robots. It detects a magnetic field from a magnetic tape laid on the floor to provide guidance data. Below is an overview of its electronic components, specifications, and operational logic. --- ### 1. Key Electronic Specifications The sensor operates on a standard industrial DC power supply and provides digital/analog outputs based on the magnetic field detected. | Feature | Specification | | :--- | :--- | | **Supply Voltage** | 10V to 30V DC | | **Current Consumption** | $\leq$ 50mA | | **Detection Principle** | Hall Effect Element Array | | **Output Type** | NPN / PNP (Open Collector) or Analog (0-5V / 4-20mA) | | **Detection Width** | Typically 15-bit or 16-bit resolution across the sensor bar | | **Response Time** | < 1ms to 10ms (model dependent) | --- ### 2. Core Electronic Components #### A. Hall Effect Sensor Array The heart of the MLS-AD-R is a linear array of **Hall Effect ICs**. - These sensors detect the presence and polarity (North/South) of a magnetic field. - By arranging them in a row, the sensor can determine the exact position of the magnetic tape relative to the vehicle's center. #### B. Signal Processing Unit (MCU) An onboard Microcontroller (MCU) processes the signals from the Hall sensors. It performs: 1. **Filtering:** Removing electromagnetic interference (EMI) from nearby motors or power cables. 2. **Interpolation:** Calculating the precise "deviation" (offset) from the center of the tape, even if the tape is between two physical sensor elements. 3. **Communication:** Converting raw data into industrial protocols (RS-232, RS-485/Modbus, or CANopen). #### C. Protection Circuitry To ensure reliability in industrial environments, the internal electronics include: - **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. - **Short-Circuit Protection:** Protects the output transistors. - **Opto-isolation:** (In some variants) to isolate the sensor signals from the main AGV controller. --- ### 3. Connection and Wiring The MLS-AD-R usually features a multi-core cable (e.g., M12 connector or lead wires). | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC | Power Supply (+) | | **Blue** | GND | Power Supply (-) | | **Black** | Data/Signal | Digital Output / Communication (TX/RX) | | **White/Others** | Control/Analog | Mode selection or Analog Deviation signal | --- ### 4. Operational Logic The electronic "brain" of the sensor outputs a signal based on the **Deviation Value**. - **Center Position:** If the tape is directly under the middle of the sensor, the output value is typically "0". - **Offset Left/Right:** As the AGV drifts, the sensor outputs a positive or negative value (or a specific hex code via RS-485). - **Gate Signal:** A digital output that triggers only when a valid magnetic field is detected, used as an "Enable" signal for the AGV's motor controller.
    ✨ Follow-up Questions
    • ⤷ What are the primary communication protocols supported by the MLS-AD-R series?
    • ⤷ How does the sensor distinguish between North and South pole magnetic tapes?
    • ⤷ What is the maximum detection height for the MLS-AD-R sensor above the magnetic tape?