Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLV-0-R

  • AI
    The **MLV-0-R** is a specific type of **Metal Oxide Varistor (MOV)**, typically manufactured by companies like Littelfuse or Eaton (Bussmann). It belongs to the Multi-Layer Varistor (MLV) category, designed primarily for Surface Mount Technology (SMT). These components are used for **Electrostatic Discharge (ESD) protection** and transient voltage suppression in low-voltage electronic circuits. --- ### 1. Key Technical Specifications The "MLV" prefix indicates it is a Multi-Layer Varistor, and the "R" suffix often denotes RoHS compliance. Below are the typical characteristics of this series: | Property | Description | | :--- | :--- | | **Material** | Zinc Oxide (ZnO) with multilayer ceramic construction | | **Function** | Non-linear variable resistor (clamping device) | | **Package Size** | Usually 0402, 0603, or 0805 SMD footprints | | **Response Time** | Extremely fast (< 1 nanosecond) | | **Operating Temp** | -40°C to +85°C (standard) | --- ### 2. How it Works The MLV-0-R functions as a voltage-dependent resistor: 1. **Normal Operation:** At standard operating voltages, the device has high impedance and acts like an open circuit (or a small capacitor), allowing the signal to pass unaffected. 2. **Transient Event:** When a high-voltage spike (like ESD) occurs, the resistance drops instantly. 3. **Clamping:** The device shunts the excess current to the ground, "clamping" the voltage to a safe level to protect sensitive ICs downstream. --- ### 3. Comparison: MLV vs. TVS Diode While both protect against spikes, there are distinct differences: | Feature | Multi-Layer Varistor (MLV) | TVS Diode | | :--- | :--- | :--- | | **Size** | Very small (Multi-layer ceramic) | Slightly larger silicon die | | **Energy** | High energy absorption for its size | Lower energy per volume | | **Capacitance** | Higher (can affect high-speed data) | Very low options available | | **Cost** | Generally more cost-effective | More expensive | --- ### 4. Common Applications * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Data Ports:** USB 2.0, audio jacks, and power buttons. * **Industrial:** Protection for sensors and low-voltage control lines. * **Automotive:** Interior electronics and infotainment modules. --- ### 5. Identification Schematic Symbol In a circuit diagram, the MLV is represented by a symbol similar to a resistor but with a diagonal line ending in hooks, or two Zener diodes pointing at each other (since it is bidirectional). ```text | --+-- \ | / \|/ --+-- | (Varistor Symbol) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum clamping voltage for the MLV-0-R series?
    • ⤷ How does capacitance in an MLV affect high-speed data signals?
    • ⤷ Can an MLV-0-R be used for AC mains power protection?