Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLV-D-R/

  • AI
    The **MLV-D-R** series refers to a specific line of **Multilayer Varistors (MLVs)**, typically manufactured by companies like Littelfuse or Bourns. These are surface-mount devices (SMD) designed to protect sensitive electronic circuits from electrostatic discharge (ESD) and high-voltage transients. --- ### 1. Fundamental Function An MLV is a voltage-dependent resistor. Its resistance changes based on the applied voltage: * **Normal State:** High resistance (insulator), allowing the circuit to function normally. * **Transient State:** When a voltage spike occurs, the resistance drops instantly (nanoseconds), shunting the excess energy to the ground and protecting downstream components. ### 2. Key Technical Specifications Below is a breakdown of the typical electronic characteristics found in the MLV-D-R series: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Working Voltage ($V_{DC}$)** | The maximum continuous DC voltage the device can withstand. | 5.5V - 18V | | **Clamping Voltage ($V_C$)** | The peak voltage across the MLV during a surge event. | < 40V (Typical) | | **Peak Surge Current** | The maximum current the device can handle for a short pulse. | 20A - 50A | | **Capacitance** | Important for high-speed data lines to prevent signal distortion. | 3pF - 500pF | | **Response Time** | How fast the device reacts to a spike. | < 1 Nanosecond | --- ### 3. Physical Structure The "Multilayer" aspect of the MLV-D-R refers to its internal construction: * **Zinc Oxide (ZnO) Layers:** The ceramic base material that provides the non-linear resistance. * **Internal Electrodes:** Stacked layers of metal (usually Silver or Palladium) that increase the surface area, allowing for higher energy dissipation in a small footprint. * **Termination:** Usually Nickel/Tin plated for easy soldering on PCBs. ### 4. Circuit Implementation MLVs are placed in **parallel** with the component they are protecting. ```text Input Voltage (+) ----+----------- [ Protected IC ] | [MLV] | Ground (-) -----------+----------- [ Ground ] ``` --- ### 5. Common Applications * **I/O Ports:** Protecting USB, HDMI, or Ethernet ports from ESD when cables are plugged in. * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Automotive:** Protecting sensors and ECU communication lines from "Load Dump" transients.
    ✨ Follow-up Questions
    • ⤷What is the difference between an MLV and a TVS diode?
    • ⤷ How do I choose the correct capacitance for high-speed data lines?
    • ⤷ What are the common SMD package sizes for the MLV-D-R series?