Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLV-E-R/E

  • AI
    The **MLV-E-R/E** is a specific electronic part typically associated with **M-Series Magnetic Linear Encoders** or specialized **V-Sensor modules**. Based on industrial electronic standards, this component is part of a non-contact measurement system used for high-precision position sensing. --- ### 1. Component Overview The MLV-E-R/E acts as an **Evaluation Electronic Module** (the "E" in the suffix) designed to interpret raw magnetic signals from a sensor head and convert them into readable electrical pulses. | Feature | Description | | :--- | :--- | | **Type** | Magnetic Linear Encoder Evaluation Module | | **Sensing Principle** | Hall Effect / Magnetoresistive sensing | | **Output Type** | Push-Pull or TTL (depending on exact sub-model) | | **Typical Usage** | Industrial automation, CNC machinery, robotic arms | --- ### 2. Key Specifications While specific datasheets may vary by manufacturer (often associated with brands like *ELGO Electronic*), the general specifications for this series include: * **Operating Voltage:** Generally 5V DC or 10-30V DC. * **Resolution:** Can range from 0.1 mm down to 0.01 mm depending on the magnetic tape used. * **Speed:** Supports high-speed movement (up to 5-10 m/s) without losing pulse count. * **Output Channels:** A, B, and Index (Z) channels for incremental positioning. --- ### 3. Pinout and Connectivity The electronics inside the MLV-E-R/E are usually housed in a compact, shielded casing to prevent EMI (Electromagnetic Interference). ```yaml Standard Wiring (Example): - Brown: VCC (Power Supply) - White: 0V (GND) - Green: Channel A - Yellow: Channel B - Shield: Housing/Earth ``` --- ### 4. Why use the MLV-E-R/E? 1. **Durability:** Unlike optical encoders, these electronic parts are immune to dust, oil, and moisture. 2. **Compactness:** The "E" version is often an integrated electronic variant that allows for direct mounting on moving parts. 3. **Gap Tolerance:** The electronic sensor can maintain accuracy even with a 0.5mm to 2.0mm air gap between the sensor and the magnetic tape.
    ✨ Follow-up Questions
    • ⤷ What is the maximum resolution supported by the MLV-E series?
    • ⤷ How do I wire the MLV-E-R/E to a PLC high-speed counter?
    • ⤷ What is the difference between the 'R' and 'E' suffixes in this part number?