Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLZ2012M100WT

  • AI
    The **MLZ2012M100WT** is a multilayer ferrite inductor designed primarily for decoupling and power supply circuits. It is manufactured by **TDK Corporation**. This specific part belongs to the MLZ series, which is engineered to have low DC resistance and high current capability compared to standard signal-line inductors. --- ### 1. Key Technical Specifications | Parameter | Value | Details | | :--- | :--- | :--- | | **Inductance** | 10 $\mu$H | Measured at 2MHz | | **Tolerance** | ±20% | Standard industrial tolerance | | **Rated Current** | 120 mA | Maximum current (based on temp rise) | | **DC Resistance** | 0.45 $\Omega$ (Max) | Resistance of the internal coil | | **Case Size (EIA)** | 0805 | 2.0mm x 1.25mm | | **Operating Temp** | -55°C to +125°C | Suitable for industrial use | | **Material** | Ferrite | Multilayer construction | --- ### 2. Internal Construction and Design The "MLZ" designation indicates a **Multilayer Inductor**. Unlike traditional wire-wound inductors, this part is constructed by: 1. **Screen Printing:** Printing conductive patterns (usually Silver) on thin layers of ferrite material. 2. **Stacking:** Layering these sheets to create a 3D spiral coil. 3. **Sintering:** Firing the stack into a monolithic ceramic block. **Advantages of this design:** * **Magnetically Shielded:** The closed magnetic path prevents electromagnetic interference (EMI) with neighboring components. * **High Reliability:** No external wires to break; the monolithic structure is robust against vibration. * **Compactness:** High inductance density in a small 0805 footprint. --- ### 3. Typical Applications The MLZ2012 series is specifically optimized for **Power Line Decoupling**. * **Noise Suppression:** Used in DC-DC converter output lines to smooth current and reduce ripple. * **Digital Circuits:** Placed near IC power pins to prevent high-frequency noise from entering the power plane. * **Consumer Electronics:** Found in smartphones, tablets, and portable modules due to its low profile. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **MLZ**: Series Name (Multilayer Inductor for Power Lines) * **2012**: Dimensions (2.0mm x 1.25mm) * **M**: Characteristic type * **100**: Inductance code ($10 \times 10^0$ = 10 $\mu$H) * **W**: Characteristic (often refers to wide frequency/current range) * **T**: Packaging (Taping/Reel)
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MLZ series and the MLF series from TDK?
    • ⤷ How does the DC bias characteristic affect the 10uH inductance in this part?
    • ⤷ Is this inductor suitable for high-speed data lines or only power lines?