Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MLZ2012N150L

  • AI
    ## Detailed Overview: MLZ2012N150L Inductor The **MLZ2012N150L** is a multilayer chip inductor designed specifically for decoupling circuits and power lines. It is manufactured by **TDK Corporation** and belongs to the MLZ series, which is optimized for low-resistance and high-current applications compared to standard signal-line inductors. --- ### 1. Technical Specifications The following table summarizes the core electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 15.0 µH | | **Tolerance** | ±20% | | **DC Resistance (Max)** | 0.85 Ω | | **Rated Current (Isat)** | 90 mA | | **Self-Resonant Frequency** | 35 MHz | | **Operating Temperature** | -55°C to +125°C | | **Package / Case** | 0805 (2012 Metric) | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 1.25mm | --- ### 2. Key Features and Construction * **Multilayer Structure:** Unlike wire-wound inductors, this part is built by layering ceramic and conductive materials. This results in a compact, rugged design with no external wires that can break. * **Magnetic Shielding:** The ferrite material provides internal shielding, reducing electromagnetic interference (EMI) and allowing for high-density mounting on PCBs. * **Low Resistance:** Designed to minimize power loss in the DC line, making it suitable for battery-powered devices. --- ### 3. Common Applications The MLZ2012 series is frequently used in the following scenarios: 1. **Smartphones and Tablets:** Used in power supply lines to filter noise. 2. **Decoupling Circuits:** Placed near ICs to stabilize voltage and suppress high-frequency noise. 3. **Consumer Electronics:** Found in digital cameras, portable audio players, and IoT modules. --- ### 4. Comparison with Standard Inductors Compared to the standard **MLG** (High-frequency) or **MLF** (General use) series: * **MLZ** has a higher current rating. * **MLZ** features lower DC resistance (RDC). * **MLZ** is specifically tuned for "Power Line" stability rather than signal integrity.
    ✨ Follow-up Questions
    • ⤷How does the MLZ2012N150L compare to a wire-wound inductor of the same value?
    • ⤷ What is the significance of the 'L' suffix in the TDK part numbering system?
    • ⤷ Can this inductor be used in high-frequency RF matching circuits?