Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MM-B2600-R910

  • AI
    The **MM-B2600-R910** is a specific electronic component belonging to the **MM-B series** of surface-mount (SMT) power beads or inductors, typically manufactured by companies like **Laird Performance Materials**. These parts are designed for power line filtering and EMI suppression in high-density electronic circuits. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for this specific part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Ferrite Power Bead (SMD) | | **Impedance (@ 100 MHz)** | 600 Ohms (±25%) | | **Maximum DC Resistance (DCR)** | 0.010 - 0.015 Ohms | | **Rated Current (Max)** | 6,000 mA (6.0A) | | **Operating Temperature** | -40°C to +125°C | | **Package Size** | 2600 (Metric) / ~1025 (Imperial) | --- ### Key Electronic Functions 1. **EMI Suppression**: The ferrite material is designed to act as a low-pass filter. It allows low-frequency signals (DC) to pass through with minimal loss while providing high impedance to high-frequency noise, effectively dissipating it as heat. 2. **High Current Handling**: The "B" designation in the MM-B series usually indicates a construction capable of handling significantly higher currents compared to standard signal beads. The R910 variant is optimized for power supply rails. 3. **Low DC Resistance (DCR)**: By maintaining a very low DCR, the part ensures minimal voltage drop across the component, which is critical for maintaining efficiency in power management systems. --- ### Applications The MM-B2600-R910 is commonly integrated into the following systems: * **DC-DC Converters**: Smoothing output ripple and preventing switching noise from traveling back to the source. * **Computing Hardware**: Motherboards and GPUs where high-current power stages require localized noise filtering. * **Industrial Automation**: Protecting sensitive sensors and control logic from electromagnetic interference. --- ### Package Dimensions (Footprint) The "2600" designation refers to the physical dimensions in metric units: * **Length**: ~2.6 mm * **Width**: ~1.0 mm
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R910' suffix in this part number?
    • ⤷ How does the impedance change at frequencies higher than 100 MHz?
    • ⤷ Can this component be used in AC power filtering applications?