Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MM-R3

  • AI
    The **MM-R3** typically refers to a specific series of high-performance micro-motors or compact robotics platforms (often associated with brands like Micro-Motors or used in specific industrial/RC applications). Below is a breakdown of the electronic components and technical specifications commonly found in the MM-R3 architecture. --- ### 1. Core Electronic Components The MM-R3 system is defined by its integration of electromechanical parts designed for precision and power density. | Component | Description | Function | | :--- | :--- | :--- | | **DC Coreless Motor** | High-efficiency motor without a heavy iron core. | Provides rapid acceleration and high torque-to-weight ratio. | | **Encoder System** | Magnetic or Optical sensors integrated into the rear. | Tracks rotational position and velocity for closed-loop control. | | **Gearbox Assembly** | Precision planetary or spur gearing. | Reduces RPM while increasing output torque. | | **Commutator** | Precious metal (Gold/Silver) or Carbon brushes. | Directs current to the windings with minimal electrical noise. | | **EMI Suppression** | Integrated capacitors or varistors. | Reduces electromagnetic interference to surrounding logic circuits. | --- ### 2. Technical Specifications (Typical) While specific configurations vary based on the gear ratio, the standard MM-R3 series usually adheres to the following electrical parameters: * **Operating Voltage:** Typically ranges from **3V to 12V DC**. * **No-Load Speed:** Can reach up to **15,000 - 20,000 RPM** (at the motor level). * **Stall Torque:** Significant for its size, often enhanced by ratios like 10:1, 30:1, or 100:1. * **Current Draw:** * *Idle:* ~50mA - 150mA * *Stall:* Can exceed 2A depending on the winding. --- ### 3. Wiring and Connectivity The MM-R3 usually features a 2-pin or 6-pin interface depending on whether an encoder is present: ```yaml Pinout Configuration (6-Pin Encoder Version): 1. Motor + (Power) 2. Motor - (Power) 3. GND (Encoder Ground) 4. VCC (Encoder Power 3.3V/5V) 5. Phase A (Signal Output) 6. Phase B (Signal Output) ``` ### 4. Control Electronics Required To operate an MM-R3 motor effectively, the following external electronics are required: 1. **H-Bridge Motor Driver:** (e.g., TB6612FNG or L298N) to control direction and speed via PWM. 2. **Microcontroller:** (e.g., Arduino, ESP32, or STM32) to process encoder pulses and execute PID loops. 3. **Power Supply:** A regulated battery source (LiPo 2S is common) capable of handling peak stall currents. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the geared and non-geared MM-R3 versions?
    • ⤷ How do I calculate the PID constants for an MM-R3 with an encoder?
    • ⤷ Which motor driver is best suited for high-torque MM-R3 applications?