Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MM-R6

  • AI
    The **MM-R6** typically refers to a specialized motor controller or a specific robotic chassis module used in automation and DIY robotics. Below is a breakdown of its primary electronic components and their functions. ### Core Electronic Components of the MM-R6 | Component Category | Specific Part | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Integrated Logic Chip | Processes input signals (PWM) and manages motor logic. | | **Motor Driver** | Dual H-Bridge (e.g., TB6612 or L298N series) | Controls the direction and speed of DC motors by switching polarity. | | **Power Regulation** | Buck/Boost Converter | Regulates battery voltage to a steady 5V for logic and higher voltage for motors. | | **Connectors** | JST/PH Pins | Facilitates connections for encoders, batteries, and sensors. | | **Feedback System** | Quadrature Encoders | Tracks motor shaft rotation to provide precision speed and position data. | --- ### Key Technical Features ### 1. The Motor Driver Bridge The heart of the MM-R6 is the **H-Bridge** circuit. This allows the system to: * **Forward/Reverse:** Change the flow of current through the motor. * **Braking:** Short-circuit the motor leads to stop rotation instantly. * **PWM Control:** Use Pulse Width Modulation to vary the speed of the motors. ### 2. Encoder Interface Unlike standard motor drivers, the "R6" series often includes dedicated headers for **hall-effect encoders**. * **Phase A & B:** Allows the controller to determine both speed and the direction of rotation. * **Resolution:** High-resolution feedback allows for PID (Proportional-Integral-Derivative) control, essential for balancing robots or precise navigation. ### 3. Protection Circuitry To ensure the longevity of the electronics, the MM-R6 usually features: * **Back-EMF Protection:** Diodes that prevent voltage spikes from the motor from damaging the MCU. * **Overcurrent Protection:** Fuses or thermal shutdowns that trigger if the motor stalls. --- ### Wiring and Pinout Overview When integrating the MM-R6, the wiring is generally divided into three sections: 1. **Power Section:** `VCC` (7V-12V typically) and `GND`. 2. **Control Section:** `PWM` (Speed), `DIR` (Direction), and `EN` (Enable). 3. **Sensor Section:** `VCC`, `GND`, `Phase A`, and `Phase B` for the encoder feedback.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for the MM-R6?
    • ⤷ How do I interface the MM-R6 with an Arduino or ESP32?
    • ⤷ Does the MM-R6 support brushless (BLDC) motors or only brushed DC motors?