Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MM1010-R

  • AI
    The **MM1010-R** is an electronic component primarily classified as a **Passive Surface Mount (SMT) Inductor**, specifically a High-Frequency Multilayer Chip Inductor. These are commonly used in RF (Radio Frequency) circuits. ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Multilayer Ceramic Chip Inductor | | **Package Size** | 0402 (Metric 1005) or 0603 depending on series | | **Inductance Range** | 1.0nH to 100nH (Commonly) | | **Tolerance** | ±0.3nH or ±5% | | **Material** | Ceramic substrate with silver internal conductors | | **Termination** | Nickel barrier with Tin plating (Lead-Free) | --- ### 2. Physical Construction The "MM" series usually denotes a **Multilayer** structure. Unlike wire-wound inductors, these are built using a "sandwich" process: 1. **Ceramic Layers:** Thin sheets of ceramic material act as the dielectric. 2. **Internal Electrodes:** Silver or copper paste is printed in a coil pattern on each layer. 3. **Vias:** Vertical interconnects connect the layers to form a 3D spiral inside the chip. 4. **Glass Coating:** A protective layer to ensure environmental stability. --- ### 3. Electronic Characteristics * **High Self-Resonant Frequency (SRF):** Because of their small size and multilayer design, they can operate at very high frequencies (GHz range) before becoming capacitive. * **High Q-Factor:** Designed to have low resistive loss at high frequencies, making them ideal for signal integrity. * **Monolithic Structure:** Provides high reliability and excellent magnetic shielding, reducing crosstalk between components on a dense PCB. --- ### 4. Common Applications These parts are typically found in the RF stages of mobile and wireless devices: * **Impedance Matching:** Used in the front-end of antennas to ensure maximum power transfer. * **Resonant Circuits:** Part of LC filters or oscillators in Wi-Fi and Bluetooth modules. * **Choke/Decoupling:** Filtering high-frequency noise from power lines in sensitive RF ICs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between multilayer and wire-wound inductors?
    • ⤷ How do I interpret the 'R' suffix in the MM1010-R part number?
    • ⤷ What are the soldering temperature requirements for this SMT component?