Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MM1663J

  • AI
    ## Overview of the MM1663J IC The **MM1663J** is a high-performance integrated circuit (IC) primarily designed by **Mitsumi** (now part of MinebeaMitsumi). It serves as a specialized **video driver** with a built-in Low Pass Filter (LPF). It is commonly found in consumer electronics like DVD players, set-top boxes, and digital cameras to manage video signals. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Function** | Video Driver with LPF (Low Pass Filter) | | **Supply Voltage (Vcc)** | 4.5V to 5.5V (Standard 5V) | | **Current Consumption** | Approx. 7.0 mA (at no load) | | **Frequency Response** | 6.75 MHz (within ±1.0 dB) | | **Filter Characteristics** | 4th-order Low Pass Filter | | **Voltage Gain** | 6 dB (Fixed) | | **Package Type** | SOT-26 / Mini-6 pin package | --- ### 2. Functional Blocks The MM1663J simplifies the output stage of video processing through three main internal components: 1. **Low Pass Filter (LPF):** Removes high-frequency noise and "aliasing" artifacts generated during the Digital-to-Analog conversion (DAC) process. 2. **6dB Amplifier:** Since video signals often lose strength through passive components, this internal amp doubles the signal (6dB) to ensure it reaches standard output levels (usually 2Vp-p). 3. **75Ω Driver:** The output stage is designed to drive a standard 75-ohm video line, allowing it to connect directly to TVs or monitors via RCA cables. --- ### 3. Pin Configuration | Pin Number | Symbol | Function | | :---: | :--- | :--- | | 1 | **IN** | Video signal input | | 2 | **Vcc** | Power supply (typically +5V) | | 3 | **GND** | Ground | | 4 | **OUT** | Video signal output | | 5 | **Vcc** | Power supply (Internal connection) | | 6 | **SAG** | Sag correction terminal (for reducing capacitor size) | --- ### 4. Typical Application Circuit The MM1663J is used between a Video DAC and the physical output jack. ```mermaid [Video DAC] --> [MM1663J IN] | [Internal Filter & Amp] | [Output Jack] <-- [MM1663J OUT] ``` **Key Advantages:** * **Space Saving:** Replaces multiple discrete transistors, resistors, and capacitors. * **Sag Correction:** Pin 6 allows for a "Sag" compensation circuit, which enables the use of smaller output coupling capacitors without distorting low-frequency video components. * **Power Efficiency:** Features a power-saving mode (depending on the specific suffix variant) to reduce drain when the video output is inactive. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the MM1663J and the MM1661 series?
    • ⤷ How does the Sag correction pin improve video quality?
    • ⤷ What are the common failure symptoms of a video driver IC like the MM1663J?