Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMB02070B3JB0

  • AI
    ## Technical Overview of MMB02070B3JB0 The **MMB02070B3JB0** is a professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It belongs to the **MMB 0207** series, which is known for its high reliability, stability, and pulse-loading capability compared to standard thick-film chip resistors. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | MELF Resistor (Cylindrical Surface Mount) | | **Series** | MMB 0207 - Professional | | **Resistance Value** | 3.3 $\Omega$ (indicated by the '3JB0' suffix) | | **Tolerance** | $\pm 5\%$ | | **Power Rating ($P_{70}$)** | 0.4 W (Standard) / 1.0 W (Power version) | | **Temperature Coefficient** | $\pm 50$ ppm/K | | **Operating Voltage** | 350 V | | **Operating Temperature** | -55 °C to +155 °C | --- ### 2. Physical Characteristics and Construction * **Form Factor:** The MELF 0207 package is a cylindrical surface-mount device. It is often preferred over flat chip resistors in high-reliability applications because the cylindrical shape allows for better heat dissipation and mechanical robustness. * **Materials:** * **Resistive Layer:** Metal film technology. * **Terminations:** Pure matte tin plating on a nickel barrier, ensuring excellent solderability. * **Protective Coating:** A high-grade lacquer provides mechanical, electrical, and environmental protection. --- ### 3. Core Advantages 1. **Pulse Stability:** MELF resistors are significantly better at handling power surges and pulses than standard SMD resistors due to the larger volume of the resistive film. 2. **Environmental Robustness:** They offer superior moisture resistance and are often qualified to **AEC-Q200** standards for automotive use. 3. **Low Noise:** The metal film technology ensures low current noise and low non-linearity. --- ### 4. Part Number Breakdown The part number `MMB02070B3JB0` can be decoded as follows: | Segment | Meaning | | :--- | :--- | | **MMB** | Series Name (Professional MELF) | | **0207** | Size Code (0207 / DIN: 0207) | | **0** | Temperature Coefficient (Special code for series standard) | | **B** | Standard feature / Packing | | **3** | Multiplier/Base indicator | | **J** | Tolerance Code (J = $\pm 5\%$) | | **B0** | Packaging code (Bulk or specific reel size) | --- ### 5. Common Applications * **Automotive Electronics:** Lighting, engine control units (ECUs), and braking systems. * **Industrial Power Supplies:** Used in DC/DC converters and inverter circuits where pulse loads occur. * **Telecommunications:** High-stability base station equipment. * **Measurement Equipment:** Where long-term stability and low drift are required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between MELF resistors and standard thick-film SMD resistors?
    • ⤷ How does the power rating of this component change under different thermal conditions?
    • ⤷ Are there specific soldering requirements for the MELF 0207 package?