Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMB02070B3JB7

  • AI
    The **MMB02070B3JB7** is a professional-grade Thin Film MELF (Metal Electrode Leadless Face) resistor manufactured by **Vishay Beyschlag**. It is designed for high-reliability applications where precision and stability are critical. ### 1. Component Overview The "MELF" package is a cylindrical, leadless surface-mount device. Unlike standard thick-film chip resistors, MELF resistors offer superior moisture resistance, thermal stability, and pulse load capability. --- ### 2. Technical Specifications Below is a breakdown of the key electrical and physical characteristics for this specific part number: | Feature | Specification | | :--- | :--- | | **Type** | MELF Resistor (Professional) | | **Case Size** | 0207 (approx. 5.8mm x 2.2mm) | | **Resistance Value** | 3.7 $\Omega$ (indicated by "3JB7" in suffix) | | **Tolerance** | ± 5% (indicated by "B" in the code) | | **Power Rating** | 1.0 Watt (at 70°C) | | **Voltage Rating** | 350 V (Maximum operating) | | **Temperature Coefficient** | ± 50 ppm/K | | **Operating Temp Range** | -55°C to +155°C | --- ### 3. Key Features * **AEC-Q200 Qualified:** Suitable for automotive environments and harsh vibrations. * **Pulse Stability:** The cylindrical design allows for better heat distribution, making it highly resistant to power surges and pulses compared to flat-chip resistors. * **Advanced Thin Film Tech:** Uses a specialized metal layer deposited on a high-grade ceramic body for low noise and high linearity. * **Excellent Solderability:** Features pure tin plating on nickel barrier layers. --- ### 4. Typical Applications Due to its robust construction, the MMB0207 series is commonly found in: 1. **Automotive Electronics:** Engine control units (ECU), lighting, and braking systems. 2. **Industrial Power:** Power supplies, frequency inverters, and measurement equipment. 3. **Telecommunications:** Base station hardware and infrastructure where longevity is required. 4. **Medical Equipment:** Monitoring devices requiring high precision and low drift. --- ### 5. Part Number Breakdown (MMB 0207 0B 3JB 7) * **MMB:** Series name (Professional MELF). * **0207:** Physical size code. * **0B:** Temperature coefficient / characteristics. * **3JB:** Resistance value (3.7 $\Omega$). * **7:** Packaging code (typically indicating tape and reel).
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of MELF resistors over standard SMD thick film resistors?
    • ⤷ How do I interpret the resistance coding for MELF parts with different tolerances?
    • ⤷ What are the soldering profile recommendations for the 0207 MELF package?