Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMB02070C3JB7

  • AI
    The **MMB02070C3JB7** is a professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It is designed for high-reliability applications where stability and precision are critical. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Component Type** | MELF Resistor (Professional) | | **Case Size** | 0207 (Dimensions: 5.8mm x 2.2mm) | | **Resistance Value** | 3.7 $\Omega$ | | **Tolerance** | $\pm$ 5% | | **Power Rating** | 1.0 W (at 70°C) | | **Temperature Coefficient** | $\pm$ 50 ppm/K | | **Operating Voltage** | 350 V (Max) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Features * **MELF Design:** Unlike standard flat chip resistors (thick film), MELF resistors are cylindrical. This shape allows for superior thermal dissipation and pulse load capability. * **High Stability:** The thin-film technology used provides excellent stability over the component's lifetime, even under harsh environmental conditions. * **Robustness:** MELF components are highly resistant to moisture and sulfur, making them ideal for automotive and industrial environments. * **Soldering:** Designed for surface mount technology (SMT) with excellent solderability. --- ### 3. Part Number Breakdown (Nomenclature) The part number follows the Vishay coding system: | Segment | Meaning | | :--- | :--- | | **MMB** | Series: Professional MELF Resistor | | **0207** | Size Code (DIN size) | | **0C** | Temperature Coefficient (TC50) | | **3JB7** | Resistance value and packaging code | --- ### 4. Typical Applications Due to its 1W power rating and high reliability, this part is commonly found in: 1. **Automotive Electronics:** Engine control units and lighting systems. 2. **Industrial Equipment:** Power supplies and measurement instruments. 3. **Telecommunications:** Infrastructure hardware requiring long-term stability. 4. **Medical Equipment:** Monitoring devices where drift must be minimized. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a MELF resistor and a standard thick-film SMD resistor?
    • ⤷ Are there specific soldering precautions required for the 0207 MELF package?
    • ⤷ What are the alternative tolerance options available for the MMB series?