Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMB02070Z3JB2

  • AI
    The **MMB02070Z3JB2** is a high-performance **MELF (Metal Electrode Leadless Face)** resistor manufactured by **Vishay Beyschlag**. It belongs to the Professional MMB 0207 series, which is known for its reliability and stability in harsh environments. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Vishay Beyschlag | | **Series** | Professional MMB 0207 | | **Resistance** | 3.3 Ohms ($\Omega$) | | **Tolerance** | $\pm 5\%$ | | **Power Rating** | 0.4 W (up to 1.0 W depending on configuration) | | **Temperature Coefficient** | $\pm 50$ ppm/K | | **Package / Case** | MELF 0207 (cylindrical) | | **Maximum Operating Voltage** | 350 V | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Features and Benefits * **MELF Design:** Unlike standard flat chip resistors (thick film), the cylindrical MELF design offers superior thermal management and structural stability. * **High Reliability:** These parts are designed for applications where failure is not an option. They exhibit excellent stability under different load conditions. * **Pulse Loading Capability:** The MMB 0207 series is robust against high pulse loads, making it suitable for power supply circuits. * **Sulfur Resistance:** The materials used are highly resistant to sulfur-rich environments, preventing corrosion. --- ### 3. Common Applications Due to its precision and durability, the MMB02070Z3JB2 is typically used in: * **Automotive Electronics:** Engine control units, lighting systems, and safety sensors. * **Industrial Equipment:** Power converters, motor drives, and measurement tools. * **Telecommunications:** Base station equipment and infrastructure power modules. * **Medical Devices:** Diagnostic equipment requiring long-term stability. --- ### 4. Comparison: MELF vs. Standard SMD | Feature | MELF (MMB0207) | Standard SMD (Thick Film) | | :--- | :--- | :--- | | **Form Factor** | Cylindrical | Rectangular/Flat | | **Mounting** | Surface Mount (SMD) | Surface Mount (SMD) | | **Pulse Stability** | High | Low to Moderate | | **Precision** | Excellent | Average |
    ✨ Follow-up Questions
    • ⤷ What is the difference between MELF and thin-film resistors in terms of manufacturing?
    • ⤷ Can this resistor be used in high-frequency RF applications?
    • ⤷ What are the recommended soldering profiles for MELF 0207 packages?