Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMBT2222AL-AE3-R

  • AI
    The **MMBT2222AL-AE3-R** is a high-speed switching NPN Bipolar Junction Transistor (BJT) widely used in general-purpose amplification and switching applications. It is the surface-mount (SMD) equivalent of the classic through-hole 2N2222 transistor. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the MMBT2222AL-AE3-R: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO}$ | 40 | V | | **Collector-Base Voltage** | $V_{CBO}$ | 75 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 | V | | **Collector Current (Continuous)** | $I_C$ | 600 | mA | | **Total Power Dissipation** | $P_D$ | 350 | mW | | **Transition Frequency** | $f_T$ | 300 | MHz | | **DC Current Gain** | $h_{FE}$ | 100 - 300 | (@ $I_C = 150mA$) | --- ### 2. Physical and Packaging Details The suffix in the part number provides specific information regarding the physical package and manufacturing standards: * **Package Type:** **SOT-23** (Small Outline Transistor). This is a standard 3-pin surface mount package. * **Pinout Configuration:** 1. **Base (B)** 2. **Emitter (E)** 3. **Collector (C)** * **Halogen Free:** Usually indicated by the "R" or specific manufacturer codes, ensuring compliance with environmental safety standards (RoHS). --- ### 3. Functional Applications Because of its high current handling (600mA) and fast switching speeds, it is commonly used in: 1. **Switching:** Driving LEDs, relays, or small DC motors from low-power microcontroller pins. 2. **Amplification:** Low-noise signal amplification in radio frequency (RF) or audio circuits. 3. **Pulse Width Modulation (PWM):** Used in dimming circuits due to its high transition frequency. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in sourcing equivalents: * **MMBT:** Prefix for Surface Mount (SOT-23) transistors. * **2222A:** The core transistor type (High-speed NPN). * **L:** Often denotes low lead (Pb) content or specific gain grouping. * **AE3:** Manufacturer-specific code for SOT-23 packaging. * **R:** Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MMBT2222A and the MMBT3904?
    • ⤷ Can this transistor be used to drive a 12V relay directly from a 5V logic signal?
    • ⤷ What is the complementary PNP transistor for the MMBT2222AL?