Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMBT4403-AL3-R

  • AI
    ## MMBT4403-AL3-R Electronic Component Overview The **MMBT4403-AL3-R** is a high-speed, general-purpose **PNP Epitaxial Silicon Transistor** housed in a small surface-mount package. It is the PNP complement to the MMBT4401. ### 1. Key Specifications The following table outlines the absolute maximum ratings and electrical characteristics of the device: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :---: | :---: | :---: | | Collector-Base Voltage | $V_{CBO}$ | -40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -40 | V | | Emitter-Base Voltage | $V_{EBO}$ | -5.0 | V | | Collector Current (DC) | $I_C$ | -600 | mA | | Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 350 | mW | | Junction Temperature | $T_j$ | 150 | $^\circ$C | --- ### 2. Physical and Ordering Information * **Package Type:** SOT-23 (Small Outline Transistor). * **Mounting Type:** Surface Mount (SMD/SMT). * **Marking Code:** Usually denoted by a specific 2 or 3-character code (e.g., "2T"). * **RoHS Compliance:** The "-R" suffix typically indicates compliance with RoHS standards and lead-free termination. --- ### 3. Application Areas The MMBT4403 is versatile and used primarily in low-power, high-speed switching and amplification circuits: * **Switching:** Used as a digital switch to control small loads (LEDs, relays, or logic gates). * **Amplification:** General-purpose audio or signal amplification where a PNP polarity is required. * **Driver Circuits:** Acting as a pre-driver for power transistors. --- ### 4. Pin Configuration (SOT-23) In a standard SOT-23 package, the pinout is typically structured as follows: ```text (3) Collector | +-----+-----+ | | | | +---+---+---+ | | (1) Base (2) Emitter ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MMBT4403 and its NPN complement
    • ⤷ the MMBT4401?
    • ⤷ Can this transistor be used in high-frequency RF applications?
    • ⤷ What are the specific saturation voltage characteristics for this model?