Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMBTA05L-AL3-R

  • AI
    ## MMBTA05L-AL3-R Electronic Component Overview The **MMBTA05L-AL3-R** is a high-voltage **NPN Epitaxial Silicon Transistor** commonly used in general-purpose switching and amplification circuits. It is specifically designed for surface-mount applications. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Transistor Type** | NPN | Negative-Positive-Negative polarity | | **Package Type** | SOT-23 | Small Outline Transistor (3-pin) | | **$V_{CEO}$** | 60V | Collector-Emitter Breakdown Voltage | | **$V_{CBO}$** | 60V | Collector-Base Breakdown Voltage | | **$I_C$ (Continuous)** | 500mA | Continuous Collector Current | | **$P_D$** | 350mW | Total Power Dissipation | | **$h_{FE}$** | 100 (Min) | DC Current Gain (@ $I_C = 100mA$) | | **$f_T$** | 100MHz | Current Gain Bandwidth Product | --- ### 2. Pin Configuration (SOT-23) For the SOT-23 package, the pinout typically follows this standard mapping: | Pin Number | Terminal Name | Function | | :--- | :--- | :--- | | 1 | **Base (B)** | Controls the current flow between C and E | | 2 | **Emitter (E)** | Current exits the transistor | | 3 | **Collector (C)** | Current enters the transistor | --- ### 3. Features and Applications #### Features * **Low Saturation Voltage:** Ensures efficient operation in switching modes. * **High Current Capability:** Can handle up to 500mA, which is high for an SOT-23 package. * **Halogen Free:** Compliant with modern environmental standards (denoted by the "L" or specific suffix). #### Typical Applications * **Signal Switching:** Small-signal switching in consumer electronics. * **Drivers:** Driving small relays, LEDs, or low-power motors. * **Amplification:** General-purpose AF (Audio Frequency) amplification. * **Voltage Regulation:** Part of linear regulator circuits. --- ### 4. Part Number Breakdown (Generic) * **MMBTA05:** Part family (High Voltage NPN). * **L:** Lead-free/Halogen-free indicator. * **AL3:** Specific manufacturer code or internal revision identifier. * **R:** Tape and Reel packaging (standard for automated pick-and-place).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent PNP complementary parts for the MMBTA05L?
    • ⤷ What is the maximum operating junction temperature for this device?
    • ⤷ How does the DC current gain (hFE) change with collector current in this model?