Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMBTA43L-AE3-R

  • AI
    The **MMBTA43L-AE3-R** is a high-voltage NPN epitaxial silicon transistor. It is widely used in applications requiring high breakdown voltages and low current switching, such as telecommunications and power supply control circuits. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Rating/Value | | :--- | :---: | :--- | | **Transistor Polarity** | - | NPN | | **Collector-Emitter Voltage** | $V_{CEO}$ | 200 V | | **Collector-Base Voltage** | $V_{CBO}$ | 200 V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 V | | **Continuous Collector Current** | $I_C$ | 300 mA | | **Total Power Dissipation** | $P_D$ | 225 mW (approx.) | | **Package Type** | - | SOT-23 | | **Operating Temperature** | $T_j$ | -55 to +150 °C | --- ### 2. Part Number Breakdown (Naming Convention) The suffix and prefix provide specific information about the manufacturing and packaging: * **MMBTA43**: The base part number (High-Voltage NPN). * **L**: Often denotes "Lead-Free" or specific low-profile characteristics. * **AE3**: Represents the **SOT-23** package style in UTC (Unisonic Technologies) nomenclature. * **R**: Indicates **Tape and Reel** packaging for automated SMT assembly. --- ### 3. Pinout Configuration The SOT-23 package has three pins, typically arranged as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Base** | Controls the transistor's conduction. | | **2** | **Emitter** | The outlet for the current. | | **3** | **Collector** | The inlet for the high-voltage supply. | --- ### 4. Typical Applications Due to its high $V_{CEO}$ (200V), this transistor is not suitable for general-purpose 5V logic, but rather for: 1. **Telephony**: Line switching and interface circuits. 2. **Display Drivers**: High-voltage gas discharge displays (Nixie tubes). 3. **Power Supplies**: High-side switching and voltage regulation stages. 4. **Signal Amplification**: Low-current, high-voltage signal processing. ---
    ✨ Follow-up Questions
    • ⤷ What is the complementary PNP transistor for the MMBTA43?
    • ⤷ How does the power dissipation change with ambient temperature?
    • ⤷ Can this transistor be used in a 220V AC rectification circuit?