Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MMF1WS-R-1R

  • AI
    The **MMF1WS-R-1R** is a specific electronic component primarily classified as a **Metal Film Resistor**. This part is designed for high precision and stability in various electronic circuits. ### 1. Key Technical Specifications The part number follows a standard coding convention used by manufacturers like Yageo. Below are the primary specifications: | Parameter | Value / Detail | | :--- | :--- | | **Resistance** | 1 Ohm ($1\Omega$) | | **Power Rating** | 1 Watt | | **Tolerance** | $\pm1\%$ (F) or $\pm5\%$ (J) - *Note: Typically "F" for MMF series* | | **Technology** | Metal Film | | **Case Style** | Axial Leaded (Miniature Size) | | **Temperature Coefficient** | Usually $\pm50$ to $\pm100$ ppm/°C | --- ### 2. Breakdown of the Part Number To understand the component's characteristics, we can decode the nomenclature (based on Yageo's MMF series): * **MMF**: Metal Film Mini Size. * **1WS**: 1 Watt Power Rating (the "S" denotes a "Small" or miniature body size compared to standard 1W resistors). * **R**: Reel packaging (Taped & Reeled). * **1R**: The resistance value, where 'R' acts as the decimal point (1.0 $\Omega$). --- ### 3. Construction and Features The MMF series is known for its high-quality construction which provides several advantages over standard carbon film resistors: 1. **High Precision**: Metal film technology allows for very tight tolerances, ensuring the circuit behaves exactly as designed. 2. **Low Noise**: These resistors generate significantly less thermal noise, making them ideal for audio and sensitive measurement equipment. 3. **Miniaturization**: The "1WS" designation means this resistor has the physical dimensions of a standard 0.5W resistor but can safely dissipate 1W of power. 4. **Stability**: Metal film is highly resistant to oxidation and changes in temperature, providing long-term reliability. --- ### 4. Common Applications * **Current Sensing**: Due to the low resistance value ($1\Omega$), it is often used to monitor current in power supplies. * **LED Protection**: Limiting current to high-power LEDs. * **Audio Equipment**: Used in signal paths where low noise and high fidelity are required. * **Industrial Controls**: Used in feedback loops and timing circuits.
    ✨ Follow-up Questions
    • ⤷What are the physical dimensions of a 1WS miniature resistor?
    • ⤷ How does a metal film resistor differ from a wirewound resistor in high-frequency applications?
    • ⤷ Can this resistor be used in a surface mount (SMD) design?